Electronic Components Datasheet Search
  English  ▼

X  

LT1952 Datasheet(PDF) 28 Page - Linear Technology

Part # LT1952
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT1952 Datasheet HTML 24Page - Linear Technology LT1952 Datasheet HTML 25Page - Linear Technology LT1952 Datasheet HTML 26Page - Linear Technology LT1952 Datasheet HTML 27Page - Linear Technology LT1952 Datasheet HTML 28Page - Linear Technology LT1952 Datasheet HTML 29Page - Linear Technology LT1952 Datasheet HTML 30Page - Linear Technology LT1952 Datasheet HTML 31Page - Linear Technology LT1952 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
LTC4278
28
4278fc
APPLICATIONS INFORMATION
when the peak design current is exceeded. This results
in an abrupt increase in inductor ripple current and,
consequently, output voltage ripple. Do not allow the core
to saturate! The maximum peak primary current occurs
at minimum VIN:
IPK =
PIN
VIN(MIN) •DCMAX
• 1+ XMIN
2
now :
DCMAX =
1
1+
N • VIN MIN
(
)
VOUT
=
1
1+ 1
8
• 41
5
=
49.4%
XMIN =
VIN(MIN) •DCMAX
(
)
2
fOSC •LP •PIN
=
41• 49.4%
(
)
2
200kHz • 260µH • 29.5W
=
0.267
Using the example numbers leads to:
IPK =
29.5W
41• 0.494
• 1+ 0.267
2
=1.65A
Multiple Outputs
One advantage that the flyback topology offers is that
additionaloutputvoltagescanbeobtainedsimplybyadding
windings. Designing a transformer for such a situation is
beyondthescopeofthisdocument.Formultiplewindings,
realize that the flyback winding signal is a combination of
activityonallthesecondarywindings.Thusloadregulation
is affected by each winding’s load. Take care to minimize
cross regulation effects.
Setting Feedback Resistive Divider
TheexpressionforVOUTdevelopedintheOperationsection
is rearranged to yield the following expression for the
feedback resistors:
R1=R2
VOUT +ISEC • ESR+RDS(ON)
(
)
VFB •NSF
−1
Continuing the example, if ESR + RDS(ON) = 8mW, R2 =
3.32k, then:
R1=3.32k 5
+
5.3 • 0.008
1.237 • 1/ 3
−
1
= 37.28k
choose 37.4k.
It is recommended that the Thevenin impedance of the
resistive divider (R1||R2) is roughly 3k for bias current
cancellation and other reasons.
Current Sense Resistor Considerations
The external current sense resistor is used to control peak
primary switch current, which controls a number of key
converter characteristics including maximum power and
external component ratings. Use a noninductive current
sense resistor (no wire-wound resistors). Mounting the
resistordirectlyaboveanunbrokengroundplaneconnected
with wide and short traces keeps stray resistance and
inductance low.
ThedualsensepinsallowforafullKelvinconnection.Make
sure that SENSE+ and SENSE– are isolated and connect
close to the sense resistor.
Peak current occurs at 100mV of sense voltage VSENSE.So
the nominal sense resistor is VSENSE/IPK. For example, a
peakswitchcurrentof10Arequiresanominalsenseresistor
of 0.010
W Note that the instantaneous peak power in the
sense resistor is 1W, and that it is rated accordingly. The
use of parallel resistors can help achieve low resistance,
low parasitic inductance and increased power capability.
Size RSENSE using worst-case conditions, minimum LP,
VSENSE and maximum VIN. Continuing the example, let us
assume that our worst-case conditions yield an IPKof40%
above nominal, so IPK = 2.3A. If there is a 10% tolerance
on RSENSE and minimum VSENSE = 88mV, then RSENSE •
110% = 88mV/2.3A and nominal RSENSE = 35mW. Round
to the nearest available lower value, 33m
W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com