Electronic Components Datasheet Search
  English  ▼

X  

LTC1642 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC1642
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC1642 Datasheet HTML 28Page - Linear Technology LTC1642 Datasheet HTML 29Page - Linear Technology LTC1642 Datasheet HTML 30Page - Linear Technology LTC1642 Datasheet HTML 31Page - Linear Technology LTC1642 Datasheet HTML 32Page - Linear Technology LTC1642 Datasheet HTML 33Page - Linear Technology LTC1642 Datasheet HTML 34Page - Linear Technology LTC1642 Datasheet HTML 35Page - Linear Technology LTC1642 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
33
425212fd
APPLICATIONS INFORMATION
The internal fault latches of the LTC4252 are disabled as
the TIMER pin is always held low by the SS voltage when
Q2 and Q3 are in analog current limit.
If both power supplies from channel A and B are exactly
equal, then equal load current will flow through Q2 and
Q3 to the load module via the Hot Swap section.
If the channel A supply is greater than the channel B by
more than 100mV, the sense voltage will rise above the
fast comparator trip threshold of 200mV, the GATE will
be pulled low and Q2 is turned off. The GATE ramps up
and regulates Q2 when the channel A supply is equal to
the channel B supply. Likewise, if the channel B supply is
greater than channel A by more than 100mV, it trips the
fast comparator and GATE is pulled low and Q3 is turned
off. The GATE ramps up and regulates Q3 when the channel
B supply is equal to the channel A supply.
Resistors R4, R7 and external FETs Q4 and Q7 limit the
current flow into Q5 and Q8 during their respective sup-
ply source short. When the channel A supply is shorted
to the – 48V RTN (or GND), large current flows into Q4
momentarily and creates a voltage drop across R4, which
in turn reduces the gate-to-source voltage of Q4, limiting
the current flow. The sense voltage is lifted up and causes
the fast comparator of LTC4252 to trip and pull the GATE
low instantly. The channel A supply short will not cause
Q3 of channel B diode-OR circuit to turn off.
Similarly, when the channel B supply is shorted to the
–48V RTN (or GND), large current flows into Q7 momen-
tarily and creates a voltage drop across R7, which in turn
reduces the gate-to-source voltage of Q7, thus limiting
the current flow. The increase in sense voltage will trip
the fast comparator of LTC4252 and pull the GATE low
instantly. The channel B supply short will not cause Q2
of channel A diode-OR circuit to turn off. The load short
at the output of Q1 is protected by the Hot Swap section.
Using an EMI Filter Module
Many applications place an EMI filter module in the power
path to prevent switching noise of the module from being
injected back onto the power supply. A typical application
using the Lucent FLTR100V10 filter module is shown in
Figure 23. When using a filter, an optoisolator is required
to prevent common mode transients from destroying the
PWRGD and ON/OFF pins.
425212 F23
UV
OV
VEE
VIN
SENSE
SS
TIMER
GATE
PWRGD
DRAIN
LTC4252A-1
R1
392k
1%
R2
30.1k
1%
CT
0.68μF
CSS
68nF
CC
10nF
–48V
RS
0.02Ω
Q1
IRF530S
1N4003
VIN
+
C2
0.1μF
100V
VIN
–
VOUT
+
VOUT
–
RC
10Ω
R3
5.1k
RIN
3
× 1.8k
1/4W
1
9
8
10
3
2
7
6
4
5
C1
10nF
CIN
1μF
–48RTN
(SHORT PIN)
–48RTN
(LONG PIN)
RD
1M
*MOC207
*
+
C3
0.1μF
100V
C4
100μF
100V
C6
100μF
16V
C5
0.1μF
100V
LUCENT
FLTR100V10
CASE
VIN
+
ON/OFF
VIN
–
VOUT
+
1
2
45
6
7
8
9
5V
3
SENSE+
SENSE–
TRIM
VOUT
–
LUCENT
JW050A1-E
CASE
+
DIN
†
DDZ13B**
**DIODES, INC
†
RECOMMENDED FOR HARSH ENVIRONMENTS
Figure 23. Typical Application Using a Filter Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com