Electronic Components Datasheet Search
  English  ▼

X  

LTC4211 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4211
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4211 Datasheet HTML 2Page - Linear Technology LTC4211 Datasheet HTML 3Page - Linear Technology LTC4211 Datasheet HTML 4Page - Linear Technology LTC4211 Datasheet HTML 5Page - Linear Technology LTC4211 Datasheet HTML 6Page - Linear Technology LTC4211 Datasheet HTML 7Page - Linear Technology LTC4211 Datasheet HTML 8Page - Linear Technology LTC4211 Datasheet HTML 9Page - Linear Technology LTC4211 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC4211
6
4211fb
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
1.240
1.245
1.250
16
4211 G16
1.235
1.230
1.225
48
12
218
610
14
20
TA = 25°C
HIGH THRESHOLD
LOW THRESHOLD
TEMPERATURE (°C)
–75
1.225
1.230
1.240
1.245
1.250
–25
25
50
150
4211 G17
1.235
–50
0
75 100 125
VCC = 5V
HIGH THRESHOLD
LOW THRESHOLD
SUPPLY VOLTAGE (V)
1.10
1.20
1.30
1.40
1.15
1.25
1.35
4
8
12
16
4211 G18
20
2
0
6
10
14
18
TA = 25°C
HIGH THRESHOLD
LOW THRESHOLD
TEMPERATURE (°C)
–75
1.10
1.15
1.25
1.30
1.35
–25
25
50
150
4211 G19
1.20
–50
0
75 100 125
1.40
VCC = 5V
HIGH THRESHOLD
LOW THRESHOLD
SUPPLY VOLTAGE (V)
1.7
1.9
2.1
2.3
1.8
2.0
2.2
4
8
12
16
4211 G20
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (°C)
–75
1.7
1.8
2.0
2.1
2.2
–25
25
50
150
4211 G21
1.9
–50
0
75 100 125
2.3
VCC = 5V
SUPPLY VOLTAGE (V)
0
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
16
4211 G22
4
8
12
20
14
2
6
10
18
TA = 25°C
TEMPERATURE (°C)
–75
10.0
10.5
11.0
125
4211 G23
9.5
9.0
8.0
–25
25
75
–50
150
0
50
100
8.5
12.0
11.5
VCC = 5V
SUPPLY VOLTAGE (V)
1.20
1.22
1.24
1.26
1.21
1.23
1.25
4
8
12
16
4211 G24
20
2
0
6
10
14
18
TA = 25°C
Feedback Threshold
vs Supply Voltage
Feedback Threshold
vs Temperature
FILTER Threshold
vs Supply Voltage
FILTER Threshold vs Temperature
FILTER Pull-Up Current
vs Temperature
FILTER Pull-Down Current
vs Supply Voltage
FILTER Pull-Down Current
vs Temperature
FILTER Pull-Up Current
vs Supply Voltage
TIMER High Threshold
vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com