Electronic Components Datasheet Search
  English  ▼

X  

LTC4266C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4266C
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4266C Datasheet(HTML) 1 Page - Linear Technology

  LTC4266C Datasheet HTML 1Page - Linear Technology LTC4266C Datasheet HTML 2Page - Linear Technology LTC4266C Datasheet HTML 3Page - Linear Technology LTC4266C Datasheet HTML 4Page - Linear Technology LTC4266C Datasheet HTML 5Page - Linear Technology LTC4266C Datasheet HTML 6Page - Linear Technology LTC4266C Datasheet HTML 7Page - Linear Technology LTC4266C Datasheet HTML 8Page - Linear Technology LTC4266C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC4270/LTC4271
1
42701fb
n
PoE PSE Switches/Routers
n
PoE PSE Midspans
ApplicAtions
typicAl ApplicAtion
FeAtures
Description
12-Port PoE/PoE+/LTPoE++
PSE Controller
The LTC®4270/LTC4271 chipset is a 12-port power sourc-
ing equipment (PSE) controller designed for use in IEEE
802.3at Type 1 and Type 2 (high power) compliant Power
over Ethernet (PoE) systems. Transformer-isolated com-
munication protocol replaces expensive opto-couplers
and complex isolated 3.3V supply resulting in significant
BOMcostsavings.TheLTC4270/LTC4271chipsetdelivers
lowest-in-industryheatdissipationbyutilizinglow-RDS(ON)
external MOSFETs and 0.25Ω sense resistors.
Advancedpowermanagementfeaturesincludeper-port12-
bit current monitoring ADCs, DAC-programmable current
limit, and versatile fast shut-down of preselected ports.
Advanced power management host software is available
under a no-cost license. PD discovery uses a proprietary
dual-mode 4-point detection mechanism ensuring excel-
lent immunity from false PD detection. Midspan PSEs
are supported with 2-event classification and a 2 second
backoff timer. The LTC4270/LTC4271 includes an I2C
serial interface operable up to 1MHz.
The LTC4270/LTC4271 is available in multiple power
grades allowing delivered PD power up to 90W.
n
12 Independent PSE Channels
n
Compliant with IEEE 802.3at Type 1 and 2
n
Chipset Provides Electrical Isolation
Reduced BOM Cost
Eliminates up to 6 High Speed Opto-Couplers
Eliminates Isolated 3.3V Power Supply
n
Low Power Dissipation
0.25Ω Sense Resistance Per Channel
n
Very High Reliability 4-Point PD Detection
2-Point Forced Voltage
2-Point Forced Current
n
VEE and VPORT Monitoring
n
1 Second Rolling IPORT Averaging
n
Supports 2-Pair and 4-Pair Output Power
n
1MHz I2C Compatible Serial Control Interface
n
Available In Three Power Grades
A-Grade – LTPoE++™ 38.7W to 90W
B-Grade – PoE+ 25.5W
C-Grade – PoE 13W
n
Available In 52-Lead 7mm
× 8mm (LTC4270)
and 24-Lead 4mm
× 4mm (LTC4271) QFN Packages
LTC4270/LTC4271 FAMILY
LTC4270
GRADE ISOLATION LTPoE++ PoE+ PoE
MAX
DELIVERED
POWER
A
Transformer
l
l
l
90W
B
Transformer
l
l
25.5W
C
Transformer
l
13W
•
•
3.3V
3.3V
0.1µF
–54V
100
100
100
100
•
•
3.3V
1µF
1µF
0.1µF
–54V
100
100
100
100
GP0
GP1
MID
RESET
MSD
INT
AUTO
SCL
AD0
AD1
AD2
AD3
AD6 DGND
CAP1
CAP2
DND
DPD
CND
CPD
DNA
SENSE1
GATE1
OUT1
LTC4270
DPA
CNA
CPA
XIO0
XIO1
0.22µF
100V
0.22µF
100V
S1B
S1B
–54V
–54V
42701 TA01a
–54V
S1B
S1B
PORTn
PORT1
SDAIN
SDAOUT
LTC4271
NO ISOLATION
REQUIRED ON
I2C INTERFACE
VDD33
2nF 2kV
VEE
SENSEn
GATEn
OUTn
AGND
VSSK
0.25
0.25
–54V
>47µF
SYSTEM
BULK CAP
+
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and LTPoE++ is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.


Similar Part No. - LTC4266C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4266C LINER-LTC4266C Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
More results

Similar Description - LTC4266C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
8-Port PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
Single Port PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com