Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC4263
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 31Page - Linear Technology LTC4263 Datasheet HTML 32Page - Linear Technology LTC4263 Datasheet HTML 33Page - Linear Technology LTC4263 Datasheet HTML 34Page - Linear Technology LTC4263 Datasheet HTML 35Page - Linear Technology LTC4263 Datasheet HTML 36Page - Linear Technology LTC4263 Datasheet HTML 37Page - Linear Technology LTC4263 Datasheet HTML 38Page - Linear Technology LTC4263 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
LTC4278
35
4278fc
APPLICATIONS INFORMATION
CMILLER is calculated from the gate charge curve included
on most MOSFET data sheets (Figure 16).
The secondary-side power MOSFETs typically operate
at substantially lower VDS, so you can neglect transition
losses. The dissipation is calculated using:
PDIS(SEC) = IRMS(SEC)2 • RDS(ON)(1 + d)
With power dissipation known, the MOSFETs’ junction
temperatures are obtained from the equation:
TJ = TA + PDIS • θJA
whereTAistheambienttemperatureandθJAistheMOSFET
junction to ambient thermal resistance.
Once you have TJ iterate your calculations recomputing
d and power dissipations until convergence.
Gate Drive Node Consideration
The PG and SG gate drivers are strong drives to minimize
gate drive rise and fall times. This improves efficiency,
but the high frequency components of these signals can
cause problems. Keep the traces short and wide to reduce
parasitic inductance.
The parasitic inductance creates an LC tank with the
MOSFET gate capacitance. In less than ideal layouts, a
series resistance of 5Ω or more may help to dampen the
ringing at the expense of slightly slower rise and fall times
and poorer efficiency.
The LTC4278 gate drives will clamp the max gate voltage
to roughly 7.5V, so you can safely use MOSFETs with
maximum VGS of 10V and larger.
Synchronous Gate Drive
There are several different ways to drive the synchronous
gateMOSFET.Fullconverterisolationrequiresthesynchro-
nousgatedrivetobeisolated.Thisisusuallyaccomplished
by way of a pulse transformer. Usually the pulse driver is
used to drive a buffer on the secondary, as shown in the
application on the front page of this data sheet.
However,otherschemesarepossible.Therearegatedrivers
andsecondary-sidesynchronouscontrollersavailablethat
provide the buffer function as well as additional features.
QA
VGS
a
b
4278 F16
QB
MILLER EFFECT
GATE CHARGE (QG)
Figure 16. Gate Charge Curve
The flat portion of the curve is the result of the Miller (gate
to-drain)capacitanceasthedrainvoltagedrops.TheMiller
capacitance is computed as:
CMILLER =
QB –QA
VDS
The curve is done for a given VDS. The Miller capacitance
for different VDS voltages are estimated by multiplying the
computed CMILLER by the ratio of the application VDS to
the curve specified VDS.
WithCMILLERdetermined,calculatetheprimary-sidepower
MOSFET power dissipation:
PD(PRI) =IRMS(PRI)
2 •R
DS(ON) 1+ δ
(
)+
VIN(MAX) •
PIN(MAX)
DCMIN
•RDR •
CMILLER
VGATE(MAX) – VTH
• fOSC
where:
RDR is the gate driver resistance (≈10Ω)
VTH is the MOSFET gate threshold voltage
fOSC is the operating frequency
VGATE(MAX) = 7.5V for this part
(1 +
d) is generally given for a MOSFET in the form of a
normalizedRDS(ON)vstemperaturecurve.Ifyoudon’thave
a curve, use
d = 0.005/°C • ΔT for low voltage MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com