Electronic Components Datasheet Search
  English  ▼

X  

LTC4311 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4311
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4311 Datasheet HTML 9Page - Linear Technology LTC4311 Datasheet HTML 10Page - Linear Technology LTC4311 Datasheet HTML 11Page - Linear Technology LTC4311 Datasheet HTML 12Page - Linear Technology LTC4311 Datasheet HTML 13Page - Linear Technology LTC4311 Datasheet HTML 14Page - Linear Technology LTC4311 Datasheet HTML 15Page - Linear Technology LTC4311 Datasheet HTML 16Page - Linear Technology LTC4311 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC4270/LTC4271
13
42701fb
pin Functions
LTC4270
SENSEn (Pins 1, 4, 8, 11, 15, 18, 21, 24, 30, 33, 37,
40): Port n Current Sense Input. SENSEn monitors the
external MOSFET current via a 0.5Ω or 0.25Ω sense
resistor between SENSEn and VEE. Whenever the voltage
acrossthesenseresistorexceedstheovercurrentdetection
threshold VCUT, the current limit fault timer counts up. If
the voltage across the sense resistor reaches the current
limit threshold VLIM, the GATEn pin voltage is lowered to
maintain constant current in the external MOSFET. See
Applications Information for further details. If the port is
unused, the SENSEn pin must be tied to VEE.
GATEn (Pins 2, 5, 9, 12, 16, 19, 22, 25, 29, 32, 36, 39):
Port n Gate Drive. GATEn should be connected to the gate
of the external MOSFET for port n. When the MOSFET is
turned on, the gate voltage is driven to 12V (typ) above
VEE. During a current limit condition, the voltage at GATEn
will be reduced to maintain constant current through the
externalMOSFET.Ifthefaulttimerexpires,GATEnispulled
down, turning the MOSFET off and recording a port fault
event. If the port is unused, float the GATEn pin.
OUTn (Pins 3, 6, 10, 13, 17, 20, 23, 26, 28, 31, 35, 38):
Port n Output Voltage Monitor. OUTn should be connected
to the output port. A current limit foldback circuit limits
the power dissipation in the external MOSFET by reducing
the current limit threshold when the drain-to-source volt-
age exceeds 10V. The port n Power Good bit is set when
the voltage from OUTn to VEE drops below 2.4V (typ). A
500k resistor is connected internally from OUTn to AGND
when the port is idle. If the port is unused, the OUTn pin
must be floated.
CAP2 (Pin 7): Analog Internal 4.3V Power Supply Bypass
Capacitor. Connect 0.1µF ceramic cap to VEE.
XIO0(Pin14):GeneralPurposeDigitalInputOutput.Logic
signal between VEE and VEE + 4.3V. Internal pull up.
XIO1(Pin27):GeneralPurposeDigitalInputOutput.Logic
signal between VEE and VEE + 4.3V. Internal pull up.
AGND (Pin 34): Analog Ground. Connect AGND to the
return for the VEE supply.
VEE (Pins 41, 51, 52): Main PoE Supply Input. Connect to
a –45V to –57V supply, relative to AGND. Voltage depends
on PSE type (Type 1, Type 2 or LTPoE++.)
DNA (Pin 47): Data Transceiver Negative Input Output
(Analog). Connect to DND through a data transformer.
DPA (Pin 48): Data Transceiver Positive Input Output
(Analog). Connect to DPD through a data transformer.
CNA (Pin 49): Clock Transceiver Negative Input Output
(Analog). Connect to CND through a data transformer.
CPA (Pin 50): Clock Transceiver Positive Input Output
(Analog). Connect to CPD through a data transformer.
VSSK (Exposed Pad Pin 53): Kelvin Sense to VEE.Connect
to sense resistor common node. Do not connect directly
to VEE plane. See Layout Guide.
Common Pins
NC, DNC (LTC4271 Pins 7,13; LTC4270 Pins 42, 43, 44,
45, 46): All pins identified with “NC” or “DNC” must be
left unconnected.
LTC4271
AD0(Pin1):AddressBit0.Tietheaddresspinshighorlow
to set the starting I2C serial address to which the LTC4271
responds. The chip will respond to this address plus the
next two incremental addresses. The base address of the
first four ports will be (A610A3A2A1A0)b. The second and
third groups of four ports will respond at the next two
logical addresses. Internally pulled up to VDD.
AD1 (Pin 2): Address Bit 1. See AD0.
AD2 (Pin 3): Address Bit 2. See AD0.
AD3 (Pin 4): Address Bit 3. See AD0.
AD6 (Pin 5): Address Bit 6. See AD0.
MID(Pin6):MidspanModeInput.Whenhigh,theLTC4271
acts as a midspan device. Internally pulled down to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com