Electronic Components Datasheet Search
  English  ▼

X  

LTC2861 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2861
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2861 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2861 Datasheet HTML 2Page - Linear Technology LTC2861 Datasheet HTML 3Page - Linear Technology LTC2861 Datasheet HTML 4Page - Linear Technology LTC2861 Datasheet HTML 5Page - Linear Technology LTC2861 Datasheet HTML 6Page - Linear Technology LTC2861 Datasheet HTML 7Page - Linear Technology LTC2861 Datasheet HTML 8Page - Linear Technology LTC2861 Datasheet HTML 9Page - Linear Technology LTC2861 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM2881
6
2881fe
Receiver Skew vs Temperature
Driver Skew vs Temperature
Driver Propagation Delay
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Output Voltage vs
Output Current (Source and Sink)
Receiver Propagation Delay
vs Temperature
Supply Current vs Data Rate
RTERM vs Temperature
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
OUTPUT CURRENT (mA)
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2881 G05
70
60
50
40
30
20
10
0
OUTPUT HIGH
OUTPUT LOW
TA = 25°C, LTM2881-3 VCC = 3.3V, LTM2881-5
VCC = 5.0V, VL = 3.3V unless otherwise noted.
OUTPUT CURRENT (mA)
4
1
0
2
3
2881 G07
5
4
3
2
1
0
SINK
SOURCE
DATA RATE (Mbps)
200
180
140
160
100
120
80
60
40
20
0
2881 G09
10
1
0.1
R = 54Ω (LTM2881-3)
R = 100Ω (LTM2881-3)
R = 54Ω (LTM2881-5)
R = 100Ω (LTM2881-5)
R = ∞ (LTM2881-3)
R = ∞ (LTM2881-5)
TEMPERATURE (°C)
2.0
0
0.5
1.5
1.0
–0.5
–1.0
2881 G01
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
2.0
0
0.5
1.5
1.0
–0.5
–1.0
2881 G02
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
80
50
70
65
60
55
75
2881 G03
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
130
110
112
114
116
118
120
122
124
126
128
2881 G04
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
6
1
0
2
4
3
5
2881 G06
125
100
75
50
25
0
–25
–50
R = ∞
R = 100Ω
R = 54Ω
TEMPERATURE (°C)
120
115
110
105
100
95
90
2881 G08
125
100
75
50
25
0
–25
–50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com