Electronic Components Datasheet Search
  English  ▼

X  

LTC2862 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2862
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2862 Datasheet(HTML) 5 Page - Linear Technology

  LTC2862 Datasheet HTML 1Page - Linear Technology LTC2862 Datasheet HTML 2Page - Linear Technology LTC2862 Datasheet HTML 3Page - Linear Technology LTC2862 Datasheet HTML 4Page - Linear Technology LTC2862 Datasheet HTML 5Page - Linear Technology LTC2862 Datasheet HTML 6Page - Linear Technology LTC2862 Datasheet HTML 7Page - Linear Technology LTC2862 Datasheet HTML 8Page - Linear Technology LTC2862 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM2881
5
2881fe
ISOLATION CHARACTERISTICS T
A = 25°C, LTM2881-3 VCC = 3.3V, LTM2881-5 VCC = 5.0V, VL = 3.3V unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VISO
Rated Dielectric Insulation Voltage
1 Minute (Derived from 1 Second Test)
2500
VRMS
1 Second (Note 5)
±4400
VDC
Common Mode Transient Immunity
LTM2881-3 VCC = 3.3V, LTM2881-5 VCC = 5V,
VL = ON = 3.3V, VCM = 1kV, Δt = 33ns (Note 2)
±30
kV/μs
VIORM
Maximum Working Insulation Voltage
(Notes 2, 5)
560
400
VPEAK
VRMS
Partial Discharge
VPR = 1050 VPEAK (Note 2)
5
pC
Input to Output Resistance
(Notes 2, 5)
109
Ω
Input to Output Capacitance
(Notes 2, 5)
6
pF
Creepage Distance
(Notes 2, 5)
9.48
mm
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design and not subject to production test.
Note 3: Maximum Data rate is guaranteed by other measured parameters
and is not tested directly.
Note 4: This μModule transceiver includes overtemperature protection that
is intended to protect the device during momentary overload conditions.
Junction temperature will exceed 125°C when overtemperature protection
is active. Continuous operation above specified maximum operating
junction temperature may result in device degradation or failure.
Note 5: Device considered a 2-terminal device. Pin group A1 through B8
shorted together and pin group K1 through L8 shorted together.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tRD
tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF
(Figure 4)
l
0.9
1.5
μs
tZLD, tZHD,
tLZD, tHZD
Driver Output Enable or Disable
Time
RL = 500Ω, CL = 50pF
(Figure 5)
l
400
ns
Receiver
tPLHR
tPHLR
Receiver Input to Output
CL = 15pF, VCM = 2.5V, |VAB| = 1.4V,
tR and tF < 4ns, (Figure 6)
l
100
140
ns
tSKEWR
Differential Receiver Skew
|tPLHR - tPHLR|
CL = 15pF
(Figure 6)
l
18
ns
tRR
tFR
Receiver Output Rise or Fall Time CL = 15pF
(Figure 6)
l
3
12.5
ns
tZLR, tZHR,
tLZR, tHZR
Receiver Output Enable Time
RL =1kΩ, CL = 15pF
(Figure 7)
l
50
ns
tRTEN, tRTZ
Termination Enable or Disable
Time
RE = 0V, DE = 0V, VAB = 2V, VB = 0V (Figure 8)
l
100
μs
Generic Logic Input
tPLHL1
tPHLL1
DIN to DOUT Input to Output
CL = 15pF,
tR and tF < 4ns
l
60
100
ns
Power Supply Generator
VCC2–GND2 Supply Start-Up
Time
(0V to 4.5V)
ON
VL, No Load
l
325
800
μs
SWITCHING CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2881-3 VCC = 3.3V, LTM2881-5 VCC = 5.0V, VL = 3.3V, GND = GND2 =
0V, ON = VL unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com