Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4612
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4612 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4612 Datasheet HTML 2Page - Linear Technology LTM4612 Datasheet HTML 3Page - Linear Technology LTM4612 Datasheet HTML 4Page - Linear Technology LTM4612 Datasheet HTML 5Page - Linear Technology LTM4612 Datasheet HTML 6Page - Linear Technology LTM4612 Datasheet HTML 7Page - Linear Technology LTM4612 Datasheet HTML 8Page - Linear Technology LTM4612 Datasheet HTML 9Page - Linear Technology LTM4612 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8048
6
8048fa
Junction Temperature Rise vs
Load Current
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G18
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 1.2V
TYPICAL PERFORMANCE CHARACTERISTICS
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G19
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 1.5V
VOUT2 LOAD CURRENT (mA)
12
10
8
4
6
0
2
8048 G22
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 3.3V
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G20
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 1.8V
VOUT2 LOAD CURRENT (mA)
14
12
10
8
4
6
0
2
8048 G23
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 5V
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G21
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 2.5V
Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com