Electronic Components Datasheet Search
  English  ▼

X  

LTM8047 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8047
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8047 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8047 Datasheet HTML 12Page - Linear Technology LTM8047 Datasheet HTML 13Page - Linear Technology LTM8047 Datasheet HTML 14Page - Linear Technology LTM8047 Datasheet HTML 15Page - Linear Technology LTM8047 Datasheet HTML 16Page - Linear Technology LTM8047 Datasheet HTML 17Page - Linear Technology LTM8047 Datasheet HTML 18Page - Linear Technology LTM8047 Datasheet HTML 19Page - Linear Technology LTM8047 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTM8048
20
8048fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2011
LT 0612 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
5V Flyback Converter with Low Noise Bypass
725VDC ISOLATION
LTM8048
8048 TA05
VIN
15VDC TO 30VDC
VOUT2
5V
6.19k
162k
4.7μF
VOUT1
VOUT2
VIN
RUN
ADJ1
SS
BYP
BIAS
GND
ADJ2
VOUT
–
0.01μF
5.7V
10μF
22μF
2.2μF
Total Output Current vs VIN
VIN (V)
15
400
380
360
340
320
300
260
220
280
240
200
8048 TA05b
30
25
20
PART NUMBER
DESCRIPTION
COMMENTS
LTM8031
Ultralow EMI 1A μModule Regulator
EN55022 Class B Compliant, 3.6V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 10V
LTM8032
Ultralow EMI 2A μModule Regulator
EN55022 Class B Compliant, 3.6V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 10V
LTM8033
Ultralow EMI 3A μModule Regulator
EN55022 Class B Compliant, 3.6V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 24V
LTM4612
Ultralow EMI 5A μModule Regulator
EN55022 Class B Compliant, 5V ≤ VIN ≤ 36V; 3.3V ≤ VOUT ≤ 15V
LTM8061
Li-Ion/Polymer μModule Battery Charger
4.95V ≤ VIN ≤ 32V, 2A Charge Current, 1-Cell and 2-Cell, 4.1V or 4.2V per Cell
LTM4613
Ultralow EMI 8A μModule Regulator
EN55022 Class B Compliant, 5V ≤ VIN ≤ 36V; 3.3V ≤ VOUT ≤ 15V
LTM8047
725VDC Isolated μModule Converter
3.1V ≤ VIN ≤ 32V; 2.5V ≤ VOUT ≤ 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com