Electronic Components Datasheet Search
  English  ▼

X  

1SS361UDJ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 1SS361UDJ
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1SS361UDJ Datasheet(HTML) 3 Page - Diodes Incorporated

  1SS361UDJ Datasheet HTML 1Page - Diodes Incorporated 1SS361UDJ Datasheet HTML 2Page - Diodes Incorporated 1SS361UDJ Datasheet HTML 3Page - Diodes Incorporated 1SS361UDJ Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1SS361UDJ
Document number: DS35236 Rev. 3 - 2
3 of 4
www.diodes.com
April 2012
© Diodes Incorporated
1SS361UDJ
020
40
60
80
100
Fig. 3 Typical Reverse Characteristics - Per Element
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
100,000
10,000
1,000
100
10
1
0.1
0.01
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0.50
0.60
0.70
0.80
0.55
0.65
0.75
110
100
Fig. 4 Typical Total Capacitance vs. Reverse Voltage -
Per Element
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
Package Outline Dimensions
Suggested Pad Layout
SOT963
Dim
Min
Max
Typ
A
0.40
0.50
0.45
A1
0
0.05
-
c
0.120
0.180 0.150
D
0.95
1.05
1.00
E
0.95
1.05
1.00
E1
0.75
0.85
0.80
L
0.05
0.15
0.10
b
0.10
0.20
0.15
e
0.35 Typ
e1
0.70 Typ
All Dimensions in mm
Dimensions
Value (in mm)
C
0.350
X
0.200
Y
0.200
Y1
1.100
L
c
E
D
e1
e
E1
b (6 places)
A
A1
Y1
Y (6X)
C
C
X (6X)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com