Electronic Components Datasheet Search
  English  ▼

X  

BAS116UDJ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS116UDJ
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116UDJ Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS116UDJ Datasheet HTML 1Page - Diodes Incorporated BAS116UDJ Datasheet HTML 2Page - Diodes Incorporated BAS116UDJ Datasheet HTML 3Page - Diodes Incorporated BAS116UDJ Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS116UDJ
Document number: DS35244 Rev. 3 - 2
3 of 4
www.diodes.com
April 2012
© Diodes Incorporated
BAS116UDJ
0
50
100
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs. Ambient Temperature
A
150
200
250
300
0
Note 5
0.001
0.01
0.1
1
10
100
1,000
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Fig. 2 Typical Forward Characteristics - Per Element
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
010
20
30
40
50
60
70
80
90 100
Fig. 3 Typical Reverse Characteristics - Per Element
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0.01
0.1
1
10
100
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0
5
10
15
20
25
30
35
40
Fig. 4 Typical Total Capacitance vs. Reverse Voltage -
Per Element
V , DC REVERSE VOLTAGE (V)
R
0.25
0.75
1.25
1.75
0.50
1.00
1.50
2.00
0
f = 1MHz
Package Outline Dimensions
SOT963
Dim
Min
Max
Typ
A
0.40
0.50
0.45
A1
0
0.05
-
c
0.120
0.180 0.150
D
0.95
1.05
1.00
E
0.95
1.05
1.00
E1
0.75
0.85
0.80
L
0.05
0.15
0.10
b
0.10
0.20
0.15
e
0.35 Typ
e1
0.70 Typ
All Dimensions in mm
L
c
E
D
e1
e
E1
b (6 places)
A
A1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com