Electronic Components Datasheet Search
  English  ▼

X  

BAS21TW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS21TW
Description  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS21TW Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS21TW Datasheet HTML 1Page - Diodes Incorporated BAS21TW Datasheet HTML 2Page - Diodes Incorporated BAS21TW Datasheet HTML 3Page - Diodes Incorporated BAS21TW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS21TW
Document number: DS35389 Rev. 2 - 2
1 of 4
www.diodes.com
August 2011
© Diodes Incorporated
BAS21TW
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Features
•
Fast Switching Speed: max. 50ns
•
Continuous Reverse Voltage: max. 200V
•
Repetitive Peak Reverse Voltage: max. 250V
•
Repetitive Peak Forward Current: max. 1A
•
Small Surface Mount Package
•
For General Purpose Switching Applications
•
High Conductance
•
Lead Free/RoHS Compliant (Note 1)
•
"Green" Device (Notes 2 and 3)
Mechanical Data
•
Case: SOT363
•
Case Material: Molded Plastic, "Green" Molding Compound,
Note 5. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Orientation: See Diagram
•
Weight: 0.009 grams (approximate)
Ordering Information (Notes 3)
Part Number
Case
Packaging
BAS21TW-7
SOT363
3000/Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
2018
Code
Y
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT363
Top View
Internal Schematic
XJK = Product Type Marking Code
YM = Date Code Marking
Y =Year (ex: T = 2011)
M = Month (ex: 9 = September)
 
XJK


Similar Part No. - BAS21TW

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21TW CYSTEKEC-BAS21TW Datasheet
275Kb / 6P
Switching Diode
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Nanjing International G...
BAS21TW DGNJDZ-BAS21TW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
logo
Goodwork Semiconductor ...
BAS21TW GWSEMI-BAS21TW Datasheet
193Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Cystech Electonics Corp...
BAS21TW-0-T1-G CYSTEKEC-BAS21TW-0-T1-G Datasheet
275Kb / 6P
Switching Diode
More results

Similar Description - BAS21TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
logo
Comchip Technology
CDSV6-4448C2 COMCHIP-CDSV6-4448C2 Datasheet
85Kb / 2P
Surface Mount FAST Switching Diode ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
KAS19W KEXIN-KAS19W Datasheet
51Kb / 1P
Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev 2
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com