Electronic Components Datasheet Search
  English  ▼

X  

SOD323F Datasheet(PDF) 13 Page - Diodes Incorporated

Part # SOD323F
Description  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SOD323F Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button SOD323F Datasheet HTML 9Page - Diodes Incorporated SOD323F Datasheet HTML 10Page - Diodes Incorporated SOD323F Datasheet HTML 11Page - Diodes Incorporated SOD323F Datasheet HTML 12Page - Diodes Incorporated SOD323F Datasheet HTML 13Page - Diodes Incorporated SOD323F Datasheet HTML 14Page - Diodes Incorporated SOD323F Datasheet HTML 15Page - Diodes Incorporated SOD323F Datasheet HTML 16Page - Diodes Incorporated SOD323F Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
13 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
MSOP8-EP
MSOP-10
Dimensions
Value
(in mm)
C
0.650
G
0.450
X
0.450
X1
2.000
Y
1.350
Y1
1.700
Y2
5.300
Dimensions
Value
(in mm)
X
0.30
Y
1.4
C1
4.4
C2
0.50
POWERDI
®5
POWERDI
®123 / POWERDI®323
Dimensions
Value (in mm)
C
1.840
G
0.852
X
3.360
X1
1.390
Y
4.860
Y1
1.400
Dimensions POWERDI®123 POWERDI®323
G
1.0
0.5
X1
2.2
2.0
X2
0.9
0.8
Y1
1.4
0.8
Y2
1.4
1.1
POWERDI
®123 Type B
Dimensions
Value
(in mm)
G
2.000
X
1.050
X1
4.100
Y
1.500
G
X
C
Y
Y2
Y1
X1
X
Y
C1
C2
G
X
C
Y1
(2x)
Y
X1
(2x)
X1
GX2
Y2
Y1
X
Y
X1
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com