Electronic Components Datasheet Search
  English  ▼

X  

FR4 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # FR4
Description  RF Power LDMOS Transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FR4 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button FR4 Datasheet HTML 5Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 6Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 7Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 8Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 9Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 10Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 11Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 12Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AFT09MS031NR1 AFT09MS031GNR1
9
RF Device Data
Freescale Semiconductor, Inc.
760--870 MHz BROADBAND REFERENCE CIRCUIT
Figure 10. AFT09MS031NR1 Broadband Reference Circuit Component Layout — 760--870 MHz
C1
L1
C2
L2
C4
C5
C3
C13
C15
C14
C9
C12
C11
C10
C7
J1
C6
TO--270--2
Rev. 1
C17
C8
C16
Q1
Table 10. AFT09MS031NR1 Broadband Reference Circuit Component Designations and Values — 760--870 MHz
Part
Description
Part Number
Manufacturer
C1, C10, C11, C12
5.6 pF Chip Capacitors
ATC600F5R6BT250XT
ATC
C2
6.8 pF Chip Capacitor
ATC600F6R8BT250XT
ATC
C3
8.2 pF Chip Capacitor
ATC600F8R2BT250XT
ATC
C4
12 pF Chip Capacitor
ATC600F120JT250XT
ATC
C5
10 pF Chip Capacitor
ATC600F100JT250XT
ATC
C6, C7
30 pF Chip Capacitors
ATC600F300JT250XT
ATC
C8, C9
22 pF Chip Capacitors
ATC600F220JT250XT
ATC
C13, C16
240 pF Chip Capacitors
ATC600F241JT250XT
ATC
C14
0.10 μF Chip Capacitor
GRM21BR71H104KA01B
Murata
C15
0.01 μF Chip Capacitor
GRM21BR72A103KA01B
Murata
C17
22 pF Chip Capacitor
ATC100A220JT150XT
ATC
L1
6.8 nH Inductor
0805WL6R8KT
ATC
L2
17 nH Inductor
0908SQ17NJLC
Coilcraft
Q1
RF Power LDMOS Transistor
AFT09MS031NR1
Freescale
J1
3Pin
AMP--9--146305--0
TE Connectivity
PCB
0.020″, εr =4.8
S1000--2, FR4
Shengyi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com