Electronic Components Datasheet Search
  English  ▼

X  

MK40DX64VLK7 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MK40DX64VLK7
Description  K40 Sub-Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK40DX64VLK7 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MK40DX64VLK7 Datasheet HTML 23Page - Freescale Semiconductor, Inc MK40DX64VLK7 Datasheet HTML 24Page - Freescale Semiconductor, Inc MK40DX64VLK7 Datasheet HTML 25Page - Freescale Semiconductor, Inc MK40DX64VLK7 Datasheet HTML 26Page - Freescale Semiconductor, Inc MK40DX64VLK7 Datasheet HTML 27Page - Freescale Semiconductor, Inc MK40DX64VLK7 Datasheet HTML 28Page - Freescale Semiconductor, Inc MK40DX64VLK7 Datasheet HTML 29Page - Freescale Semiconductor, Inc MK40DX64VLK7 Datasheet HTML 30Page - Freescale Semiconductor, Inc MK40DX64VLK7 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
Table 13. MCG specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
fdco_t_DMX3
2
DCO output
frequency
Low range (DRS=00)
732 × ffll_ref
—
23.99
—
MHz
4, 5
Mid range (DRS=01)
1464 × ffll_ref
—
47.97
—
MHz
Mid-high range (DRS=10)
2197 × ffll_ref
—
71.99
—
MHz
High range (DRS=11)
2929 × ffll_ref
—
95.98
—
MHz
Jcyc_fll
FLL period jitter
• fVCO = 48 MHz
• fVCO = 98 MHz
—
—
180
150
—
—
ps
tfll_acquire
FLL target frequency acquisition time
—
—
1
ms
6
PLL
fvco
VCO operating frequency
48.0
—
100
MHz
Ipll
PLL operating current
• PLL @ 96 MHz (fosc_hi_1 = 8 MHz, fpll_ref =
2 MHz, VDIV multiplier = 48)
—
1060
—
µA
7
Ipll
PLL operating current
• PLL @ 48 MHz (fosc_hi_1 = 8 MHz, fpll_ref =
2 MHz, VDIV multiplier = 24)
—
600
—
µA
7
fpll_ref
PLL reference frequency range
2.0
—
4.0
MHz
Jcyc_pll
PLL period jitter (RMS)
• fvco = 48 MHz
• fvco = 100 MHz
—
—
120
50
—
—
ps
ps
8
Jacc_pll
PLL accumulated jitter over 1µs (RMS)
• fvco = 48 MHz
• fvco = 100 MHz
—
—
1350
600
—
—
ps
ps
8
Dlock
Lock entry frequency tolerance
± 1.49
—
± 2.98
%
Dunl
Lock exit frequency tolerance
± 4.47
—
± 5.97
%
tpll_lock
Lock detector detection time
—
—
150 × 10-6
+ 1075(1/
fpll_ref)
s
9
1. This parameter is measured with the internal reference (slow clock) being used as a reference to the FLL (FEI clock
mode).
2. These typical values listed are with the slow internal reference clock (FEI) using factory trim and DMX32=0.
3. The resulting system clock frequencies should not exceed their maximum specified values. The DCO frequency deviation
(
Δfdco_t) over voltage and temperature should be considered.
4. These typical values listed are with the slow internal reference clock (FEI) using factory trim and DMX32=1.
5. The resulting clock frequency must not exceed the maximum specified clock frequency of the device.
Peripheral operating requirements and behaviors
K40 Sub-Family Data Sheet, Rev. 2, 4/2012.
Freescale Semiconductor, Inc.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com