Electronic Components Datasheet Search
  English  ▼

X  

EUP3427 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # EUP3427
Description  4A, Synchronous Step-Down Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3427 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  EUP3427 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP3427 Datasheet HTML 2Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUP3427
DS3427
Ver1.0
Jul. 2011
2
Typical Application Circuit (continued)
Figure2. TDFN-10 Typical Application Circuit
Pin Configurations
Package
Type
Pin Configurations
Package
Type
Pin Configurations
SOP-8 (EP)
TDFN-10
Pin Description
PIN
SOP-8 (EP) TDFN-10
DESCRIPTION
LX
1
2,3
Switch node connected to inductor. This pin is connected to the drains of the
internal main and synchronous power MOSFET switches.
SKIP
2
7
Operation Mode Select Input. Logic high selects pulse skipping mode, and
logic low or floating chooses forced PWM mode. An internal 5µA current pull
it down to ground.
EN
3
5
Chip enable pin. Forcing this pin above 1.5V enables the part. Forcing this pin
below 0.3V or floating it shuts down the device.An internal 600k
Resistor
pulls it down to ground.
PG
4
4
Power good output signal. Logic high when regulator output is within ±10%
of target output voltage. A pull-up resistor of 10k
to 100k
is recommended
for most applications.
AGND
5
-
Analog ground.
FB
6
6
Feedback pin. Connect it to an external resistor divider to set output voltage.
PVIN
7
9,10
Power supply input.
PGND
8
-
Power ground.
SVIN
-
8
Analog input supply which is connected to PVIN through a low pass RC filter.
NC
-
1
No connect.
Thermal
Pad
-
-
Ground.( Thermal pad must be connected to the ground of PCB.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com