Electronic Components Datasheet Search
  English  ▼

X  

MMA6519KW Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMA6519KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6519KW Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMA6519KW Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Sensor
4
Freescale Semiconductor, Inc.
MMA65xx
1
Pin Connections
Figure 5. Top View, 16-Pin QFN Package
VREGA
VSS
MOSI
SCLK
VCC
VSS
VREG
1
2
3
4
5
6
7
8
12
11
10
9
16 15 14 13
CS
17
Table 2. Pin Descriptions
Pin
Pin
Name
Formal Name
Definition
1VREGA
Analog
Supply
This pin is connected to the power supply for the internal analog circuitry. An external capacitor must be
connected between this pin and VSSA. Reference Figure 1.
2VSS
Digital GND
This pin is the power supply return node for the digital circuitry.
3VREG
Digital
Supply
This pin is connected to the power supply for the internal digital circuitry. An external capacitor must be
connected between this pin and VSS. Reference Figure 1.
4VSS
Digital GND
This pin is the power supply return node for the digital circuitry.
5
ARM_Y/
PCM_Y
Y-Axis
Arm Output /
PCM Output
The function of this pin is configurable via the DEVCFG register as described in Section 3.1.6.6. When the
arming output is selected, ARM_Y can be configured as an open drain, active low output with a pullup current;
or an open drain, active high output with a pulldown current. Alternatively, this pin can be configured as a
digital output with PCM signal proportional to the Y axis acceleration data. Reference Section 3.8.10 and
Section 3.8.11. If unused, this pin must be left unconnected.
6
ARM_X/
PCM_X
X-Axis
Arm Output /
PCM Output
The function of this pin is configurable via the DEVCFG register as described in Section 3.1.6.6. When the
arming output is selected, ARM_X can be configured as an open drain, active low output with a pullup current;
or an open drain, active high output with a pulldown current. Alternatively, this pin can be configured as a
digital output with a PCM signal proportional to the X-axis acceleration data. Reference Section 3.8.10 and
Section 3.8.11. If unused, this pin must be left unconnected.
7
TEST /
VPP
Programming
Voltage
This pin provides the power for factory programming of the OTP registers. This pin must be connected to VSS
in the application.
8
MISO
SPI Data Out
This pin functions as the serial data output for the SPI port.
9VCC
Supply
This pin supplies power to the device. An external capacitor must be connected between this pin and VSS.
Reference Figure 1.
10
SCLK
SPI Clock
This input pin provides the serial clock to the SPI port. An internal pulldown device is connected to this pin.
11
MOSI
SPI Data In
This pin functions as the serial data input to the SPI port. An internal pulldown device is connected to this pin.
12
CS
Chip Select
This input pin provides the chip select for the SPI port. An internal pullup device is connected to this pin.
13
VSSA
Analog GND
This pin is the power supply return node for analog circuitry.
14
NC
No Connect
Not internally connected. This pin can be unconnected or connected to VSS in the application.
15
NC
No Connect
Not internally connected. This pin can be unconnected or connected to VSS in the application.
16
VSSA
Analog GND
This pin is the power supply return node for analog circuitry.
17
PAD
Die Attach
Pad
This pin is the die attach flag, and is internally connected to VSS. Reference Section 5 for die attach pad
connection details.
Corner Pads
The corner pads are internally connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com