Electronic Components Datasheet Search
  English  ▼

X  

MMA6527KWR2 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MMA6527KWR2
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KWR2 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MMA6527KWR2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Sensor
40
Freescale Semiconductor, Inc.
MMA65xx
3.8.10.4
Arming Pulse Stretch Function
A pulse stretch function can be applied to the arming outputs in moving average mode, or count mode.
If the pulse stretch function is not used (APS_X[1:0] = ‘00’ or APS_Y[1:0] = ‘00’), the arming output is asserted if and only if
an arming condition exists for the associated axis after the most recent evaluated sample. The arming output is de-asserted if
and only if an arming condition does not exist for the associated axis after the most recent evaluated sample.
If the pulse stretch function is used, (APS_X[1:0] not equal ‘00’ or APS_Y[1:0] not equal ‘00’), the arming output is controlled
only by the value of the pulse stretch timer value. If the pulse stretch timer value is non-zero, the arming output is asserted. If the
pulse stretch timer is zero, the arming output is de-asserted. The pulse stretch counter continuously decrements until it reaches
zero. The pulse stretch counter is reset to the programmed pulse stretch value if and only if an arming condition exists for the
associated axis after the most recent evaluated sample. Reference Figure 28.
The desired pulse stretch time is individually programmable for each axis via the APS_X[1:0] and APS_Y[1:0] bits in the ARM-
CFG register.
Exception conditions listed in Section 4.5 do not impact prior arming function responses. If an exception occurs after an arming
activation, the corresponding pulse stretch for the existing arming condition will continue. However, new acceleration reads will
not reset the pulse stretch counter regardless of the acceleration value.
3.8.10.5
Arming Pin Output Structure
The arming output pin structure can be set to active high, or active low with the A_CFG bits in the DEVCFG register as de-
scribed in Section 3.1.6.6. The active high and active low pin output structures are shown in Figure 31.
Figure 31. Arming Function - Pin Output Structure
Arm Function
ARM_x
Gating
VCC
Arm Function
ARM_x
Gating
VCC
Open Drain, Active High
Open Drain, Active Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com