Electronic Components Datasheet Search
  English  ▼

X  

MMZ09312B Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMZ09312B
Description  Heterojunction Bipolar Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMZ09312B Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMZ09312B Datasheet HTML 1Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 2Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 3Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 4Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 5Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 6Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 7Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 8Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MMZ09312BT1
3
RF Device Data
Freescale Semiconductor, Inc.
Figure 3. MMZ09312B Test Circuit Schematic — 900 MHz, 5 Volt Operation
C5
RF
INPUT
R1
L1
C10
L2
45
6
3
2
1
12
11
10
7
8
9
C4
RF
OUTPUT
BIAS
CIRCUIT
VCC2
PDET
L5
C11
L3
C3
L4
VCC1
C2
VBIAS
C1
R2
Table 7. MMZ09312B Test Circuit Component Designations and Values — 900 MHz, 5 Volt Operation
Part
Description
Part Number
Manufacturer
C1, C2
1 μF Chip Capacitors
GRM155R61A105KE15
Murata
C3
4.7 μF Chip Capacitor
GRM188R60J475KE19
Murata
C4
470 pF Chip Capacitor
GRM1555C1H471JA01
Murata
C5
100 pF Chip Capacitor
GRM1555C1H101JA01
Murata
C6, C7, C8, C9
Components Not Placed
C10
4.7 pF Chip Capacitor
04023J4R7BBSTR
AVX
C11
6.8 pF Chip Capacitor
04023J6R8BBSTR
AVX
L1
8.2 nH Chip Inductor
LL1608--FSL8N2JL
TOKO
L2
1.2 nH Chip Inductor
LL1608--FSL1N2S
TOKO
L3
33 nH Chip Inductor
0402CS--33NXGLW
Coilcraft
L4
22 nH Chip Inductor
0402CS--22NXGLW
Coilcraft
L5
3.3 nH Chip Inductor
0603CS--3N3XJLW
Coilcraft
R1
330 Ω, 1/16 W Chip Resistor
RC0402JR--07331RL
Yageo
R2
1.5 kΩ, 1/16 W Chip Resistor
RC0402JR--07152RL
Yageo
R3
Component Not Placed
PCB
0.014″, εr =3.7
FR408
Isola
Note: Component numbers C6, C7, C8, C9 and R3 are labeled on board but not placed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com