Electronic Components Datasheet Search
  English  ▼

X  

MPC5644A Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
112
9tSUI
CC
Data Setup Time for Inputs
D
Master (MTFE = 0)
VDDEH=4.5–5.5 V
20
—
ns
D
VDDEH=3–3.6 V
23.5
—
DSlave
2—
D
Master (MTFE = 1, CPHA = 0)12
8—
D
Master (MTFE = 1, CPHA = 1)
VDDEH=4.5–5.5 V
20
—
D
VDDEH=3–3.6 V
23.5
—
10
tHI
CC
Data Hold Time for Inputs
D
Master (MTFE = 0)
-4
—
ns
DSlave
7
—
D
Master (MTFE = 1, CPHA = 0)12
21
—
D
Master (MTFE = 1, CPHA = 1)
-4
—
11
tSUO
CC
Data Valid (after SCK edge)
D
Master (MTFE = 0)
VDDEH=4.5–5.5 V
—
5
ns
D
VDDEH=3–3.6 V
—
6.3
DSlave
VDDEH=4.5–5.5 V
—
25
D
VDDEH=3–3.6 V
—
27
D
Master (MTFE = 1, CPHA = 0)
—
21
D
Master (MTFE = 1, CPHA = 1)
VDDEH=4.5–5.5 V
—
5
D
VDDEH=3–3.6 V
—
6.3
12
tHO
CC
Data Hold Time for Outputs
D
Master (MTFE = 0)
VDDEH=4.5–5.5 V
–5
—
ns
D
VDDEH=3 –3.6 V
–7.5
—
DSlave
5.5
—
D
Master (MTFE = 1, CPHA = 0)
3
—
D
Master (MTFE = 1, CPHA = 1)
VDDEH=4.5–5.5 V
–5
—
D
VDDEH=3–3.6 V
–7.5
—
1 All DSPI timing specifications use the fastest slew rate (SRC = 0b11) on medium-speed pads. DSPI signals using
slow pads have an additional delay based on the slew rate. DSPI timing is specified at VDDEH = 3to3.6 V and
VDDEH = 4.5to5.5 V, TA =TL to TH, and CL = 50 pF with SRC = 0b11.
2 Data is verified at fSYS = 102 MHz and 153 MHz (100 MHz and 150 MHz + 2% frequency modulation).
3 The minimum DSPI Cycle Time restricts the baud rate selection for given system clock rate. These numbers are
calculated based on two MPC5644A devices communicating over a DSPI link.
Table 48. DSPI timing1,2 (continued)
#
Symbol
C
Characteristic
Condition
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com