Electronic Components Datasheet Search
  English  ▼

X  

MPC5644A Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
110
3.17.5
External interrupt timing (IRQ pin)
Figure 22. External Interrupt Timing
3.17.6
eTPU timing
Table 44. External interrupt timing1
1 IRQ timing specified at VDD = 1.14 V to 1.32 V, VDDEH = 3.0 V to 5.5 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL
to TH.
#
Characteristic
Symbol
Min
Max
Unit
1
IRQ Pulse Width Low
tIPWL
3—
tcyc
2
IRQ Pulse Width High
tIPWH
3—
tcyc
3
IRQ Edge to Edge Time2
2 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
tICYC
6—
tcyc
Table 45. eTPU timing1
1 eTPU timing specified at VDD = 1.08 V to 1.32 V, VDDEH = 3.0 V to 5.5 V, VDD33 and VDDSYN = 3.0 V to 3.6 V,
TA =TL to TH, and CL = 200 pF with SRC = 0b00.
#
Characteristic
Symbol
Min
Max
Unit
1
eTPU Input Channel Pulse Width
tICPW
4—
tcyc
2
eTPU Output Channel Pulse Width
tOCPW
22
2 This specification does not include the rise and fall times. When calculating the minimum eTPU pulse width, include
the rise and fall times defined in the slew rate control fields (SRC) of the pad configuration registers (PCR).
—tcyc
IRQ
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com