Electronic Components Datasheet Search
  English  ▼

X  

MPC5644A Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
107
Figure 18. CLKOUT timing
6tCOV CC D CLKOUT Posedge to Output Signal Valid
(Output Delay)
ADDR[8:31]
CS[0:3]
DATA[0:31]
OE
RD_WR
TS
WE[0:3]/BE[0:3]
—9
ns
7tCIS
CC
D Input Signal Valid to CLKOUT Posedge
(Setup Time)
DATA[0:31]
6.0
—
ns
8tCIH
CC
D CLKOUT Posedge to Input Signal Invalid
(Hold Time)
DATA[0:31]
1.0
—
ns
9tAPW CC D ALE Pulse Width4
6.5
—
ns
10
tAAI
CC
D ALE Negated to Address Invalid4
1.55
—ns
1 External Bus and Calibration bus timing specified at fSYS = 150 MHz and 100 MHz, VDD = 1.14 V to 1.32 V,
VDDE = 3 V to 3.6 V (unless stated otherwise), TA =TL to TH, and CL = 30 pF with DSC = 0b10.
2 The external bus is limited to half the speed of the internal bus. The maximum external bus frequency is 66 MHz
for 16-bit muxed mode and 33 MHz for non-muxed mode. For The EBI division factor should be set accordingly
based on the internal frequency being used.
3 Refer to Fast Pad timing in Table 35 and Table 36 (different values for 1.8 V vs. 3.3 V).
4 Measured at 50% of ALE.
5 When CAL_TS pad is used for CAL_ALE function the hold time is 1 ns instead of 1.5 ns.
Table 43. External bus interface (EBI) and calibration bus operation timing 1 (continued)
#
Symbol
C
Characteristic
66 MHz (ext. bus)2
Unit
Notes
Min
Max
1
2
2
3
4
CLKOUT
VDDE/2
Vol_f
Voh_f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com