Electronic Components Datasheet Search
  English  ▼

X  

MPC5644A Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
106
3.17.4
External Bus Interface (EBI) and calibration bus interface timing
Table 41. External Bus Interface maximum operating frequency
Port
Width
Multiplexed
Mode
ADDR[12:15]
Pin Usage
ADDR[16:31]
Pin Usage
DATA[0:15]
Pin Usage
Max. Operating
Frequency
16-bit
Yes
ADDR[12:15]
GPIO
ADDR[16:31]
DATA[0:15]
66 MHz1
1 Set SIU_ECCR[EBDF] to divide by two or divide by four if the system frequency is greater than 66 MHz.
16-bit
No
ADDR[12:15]
ADDR[16:31]
DATA[0:15]
33 MHz2,3
2 System Frequency must be 132 MHz and SIU_ECCR[EBDF] set to divide by four.
3 Pad restrictions limit the maximum operating frequency.
32-bit
Yes
ADDR[12:15]
ADDR[16:31]
DATA[16:31]
DATA[0:15]
33 MHz2,3
Table 42. Calibration bus interface maximum operating frequency
Port
Width
Multiplexed
Mode
CAL_ADDR[12:15]
Pin Usage
CAL_ADDR[16:30]
Pin Usage
CAL_DATA[0:15]
Pin Usage
Max. Operating
Frequency
16-bit
Yes
GPIO
GPIO
CAL_ADDR[12:30]
CAL_DATA[0:15]
66 MHz1
1 Set SIU_ECCR[EBDF] to divide by two or divide by four if the system frequency is greater than 66 MHz
16-bit
No
CAL_ADDR[12:15]
CAL_ADDR[16:30]
CAL_DATA[0:15]
66 MHz1
32-bit
Yes
CAL_WE[2:3]
CAL_DATA[31]
CAL_ADDR[16:30]
CAL_DATA[16:30]
CAL_ADDR[0:15]
CAL_DATA[0:15]
66 MHz1
Table 43. External bus interface (EBI) and calibration bus operation timing 1
#
Symbol
C
Characteristic
66 MHz (ext. bus)2
Unit
Notes
Min
Max
1TC
CC
P CLKOUT Period
15.2
—
ns
Signals are
measured at 50%
VDDE.
2tCDC CC D CLKOUT duty cycle
45%
55%
TC
3tCRT CC D CLKOUT rise time
—
3
ns
4tCFT CC D CLKOUT fall time
—
3
ns
5tCOH CC D CLKOUT Posedge to Output Signal
Invalid or High Z(Hold Time)
• ADDR[8:31]
• CS[0:3]
• DATA[0:31]
•OE
•RD_WR
•TS
•WE[0:3]/BE[0:3]
1.3
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com