Electronic Components Datasheet Search
  English  ▼

X  

MPC5644A Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
128
Figure 40. Product code structure
6
Document revision history
Table 53 summarizes revisions to this document.
Table 53. Revision history
Revision
Date
Substantive changes
Rev. 1
4/2008
Initial release
Qualification Status
Product Family
ATMC Fab and Mask Revision
Temperature Range
Package
Maximum Frequency
SPC
5644A
1
Example code:
M
VZ
Qualification Status
MPC = Industrial qualified
SPC = Automotive qualified
PC = Prototype
Product
5644A= MPC5644A family
Fab and Mask Revision
F = ATMC
0 = Revision
Temperature spec.
M = –40 °C to 125 °C
Package Code
LU = 176 LQFP
MG = 208 MAPBGA
VZ = 324 TEPBGA
Maximum Frequency
1 = 150 MHz
2 = 120 MHz
3 = 80 MHz
F0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com