Electronic Components Datasheet Search
  English  ▼

X  

MPC5644A Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
131
Rev. 3
(cont)
04/2010
Changes to Power/ground segmentation table:
• ADDR[20:21] removed from VDDE2 segment; they are in VDDE-EH
• CAL_CS1 removed from VDDE12 segment (there is no CAL_CS1 on this device)
• CAL_EVTO and CAL_MCKO removed from VDDE12 segment. Those pins do not
exist
• VDDE-VDDEH renamed to VDDE-EH
• EMIOS24 removed from VDDEH segment. That pin does not exist.
• ETPUA[0:9] added to VDDEH4 segment
• Renamed TCR_A in VDDEH4 segment to TCRCLKA.
• EXTAL and XTAL added to VDDEH6 segment
• AN15-FCK added to VDDEH7 segment
• GPIO98, GPIO99, GPIO206, GPIO207 and GPIO219 added to VDDEH7 segment.
• MSEO1 added to VDDEH7 segment
• Power segment VDDEH1A renamed to VDDEH1
Changes to 176-pin package pinout:
• Changed pin 9 from AN38 to AN8.
• Added note that pin 96 (VSS) should be tied low.
Changes to 208-ball package ballmap:
• Changed ball B3 from AN38 to AN8.
• Added note that ball N13 (VSS) should be tied low.
324-ball package ballmap updated for Rev. 2 silicon:
• AN8 was on ball D3; it is now on E1
• AN38 was on ball E1; it is now on D3
Changes to features list:
• Correction: there are 6 reaction channels (was noted as 5)
• Development Trigger Semaphore (DTS) added to features list and feature details
• FlexRay module now has 128 message buffers (was 64) and ECC support
Added note after JTAG pin AC electrical characteristics table detailing JTAG EVTI and
RDY signal clocking with TCK. This affects debuggers.
Part numbers and part number decoder updated.
Table 53. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com