Electronic Components Datasheet Search
  English  ▼

X  

MPC5644A Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 138Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 136 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
136
Rev. 7
01/2012
• Minor editorial changes.
•In MPC5644A feature list, moved “24 unified channels” after “1 x eMIOS”.
•In Table 3MPC5644A signal properties/Column “Name” updated the following rows:
DSPI_D_SCK /GPIO [98] -Changed “-” to CS[2]
DSPI_D_SIN /GPIO[99] -Changed “-” to CS[3].
•In Table 11Thermal characteristics for 324-pin TEPBGA/ Column “Value” added
conditional text.
•In Table 21DC electrical specifications made the following changes:
-For the value “VOL_S” parameter changed from “Slow/ medium/multi-voltage pad I/O
output low voltage” to “Slow/medium pad I/O output low voltage”.
-Added a new row for “IDDSTBY27”.
-For row “IDDSTBY(operating current 0.95 -1.2V)” added max value “100” and changed
typ value from “125” to “35”.
-For row “IDDSTBY (operating current 2 - 5.5V)” added max value “110” and changed typ
value from “135” to “45”.
-For symbol “IDDSTBY 150(operating current 0.95 -1.2V)” added max value “2000”,
changed typ value from “1050” to “790”,C cell changed from “T” to “P” and for symbol
“IDDSTBY (operating current 2 - 5.5V)” added max value “2000”, changed typ value from
“1050” to “760”, C cell changed from “T” to “P”.
-Removed note 9 and note 10 (Characterization based capability) from symbol
“VOL_HS”.
• Splitted Table 28eQADC conversion specifications (operating)into Table 29eQADC
single ended conversion specifications (operating) and Table 30eQADC differential
ended conversion specifications (operating).
•In Table 30 eQADC differential ended conversion specifications (operating)made the
following changes:
-Added the note of DIFFcmv on all of the DIFF specs.
-Min value changed from (VRH-VRL)/2-5% to (VRH+VRL)/2-5 % and max value
changed from (VRH-VRL)/2+5 % to (VRH+VRL)/2+5 %for DIFFcmv.
•In Table 31 Cutoff frequency for additional SRAM wait statemade the following
changes:
-Added note “Max frequencies including 2% PLL FM”.
-Max operating frequency changed from “96” to “98” and “150” to “153”.
•In Section 3.13, “Configuring SRAM wait states, changed text from “MPC5644A
Microcontroller Reference Manual “ to “device reference manual”.
•In Table 32APC, RWSC, WWSC settings vs. frequency of operation,
- Added note for “Max Flash Operating Frequency(MHz).
- Changed values from 30, 60,120, 150 to 20,61,123, 153 respectively in Max Flash
Operating Frequency (MHz).
•In Table 33,aFlash program and erase specificationsdded two parameter “Tpsrt” and
“Tesrt”.
•In Table 41External Bus Interface maximum operating frequency, replacedthe <=
symbol in notes with

• Added note “Refer to table DSPI timing for the numbers” in all the figures under
Section 3.17.8, “DSPI timing .
•In Table 52Orderable part number summary, changed LBGA208 to MAPBGA and
changed all packages to 123XXXX format.
Table 53. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com