Electronic Components Datasheet Search
  English  ▼

X  

MPC8377E Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MPC8377E
Description  PowerQUICC II Pro Processor
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377E Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MPC8377E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 127 page
background image
MPC8377E PowerQUICC II Pro Processor Hardware Specifications, Rev. 8
104
Freescale Semiconductor
SPIMISO/SD_DAT0
AD11
I/O
OVDD
—
SPIMOSI/SD_CMD
AJ9
I/O
OVDD
—
SPISEL_B/SD_CD
AE11
I
OVDD
—
System Control Interface
SRESET_B
AD12
I/O
OVDD
2
HRESET_B
AE12
I/O
OVDD
1
PORESET_B
AE14
I
OVDD
—
Test Interface
TEST
E10
I
OVDD
10
TEST_SEL0
D10
I
OVDD
13
TEST_SEL1
D12
I
OVDD
13
Thermal Management
Reserved
F15
I
—
14
Power Supply Signals
LVDD1
AC21, AG21, AH23
Power for
eTSEC 1 I/O
(2.5 V, 3.3 V)
LVDD1
—
LVDD2
AG24, AH27, AH29
Power for
eTSEC 2 I/O
(2.5 V, 3.3 V)
LVDD2
—
LBVDD
G20, D22, A24, G26, D27, A28
Power for eLBC
(3.3, 2.5, or
1.8 V)
LBVDD
—
VDD
K10, L10, M10, N10, P10, R10, T10, U10,
V10, W10, Y10, K11, R11, Y11, K12, Y12,
K13, Y13, K14, Y14, K15, L15, W15, Y15,
K16, Y16, K17, Y17, K18, Y18, K19, R19,
Y19, K20, L20, M20, N20, P20, R20, T20,
U20, V20, W20, Y20
Power for Core
(1.0 V or 1.5 V)
VDD
—
Table 72. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com