| Electronic Components Datasheet Search |
|
MPC8379E Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8379E Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 117 page ![]() MPC8379E PowerQUICC II Pro Processor Hardware Specifications, Rev. 8 10 Freescale Semiconductor 2.2 Power Sequencing The device requires its power rails to be applied in a specific sequence in order to ensure proper device operation. During the power ramp up, before the power supplies are stable and if the I/O voltages are supplied before the core voltage, there may be a period of time that all input and output pins will actively be driven and cause contention and excessive current. To avoid actively driving the I/O pins and to eliminate excessive current draw, apply the core voltages (VDD and AVDD) before the I/O voltages and assert PORESET before the power supplies fully ramp up. VDD and AVDD must reach 90% of their nominal value before GVDD, LVDD, and OVDD reach 10% of their value, see the following figure. I/O voltage supplies—GVDD, LVDD, and OVDD—do not have any ordering requirements with respect to one another. Figure 3. Power-Up Sequencing Example Note that the SerDes power supply (L[1,2]_nVDD) should follow the same timing as the core supply (VDD). The device does not require the core supply voltage and I/O supply voltages to be powered down in any particular order. 3 Power Characteristics The estimated typical power dissipation for the chip device is shown in this table. Table 5. Power Dissipation 1 Core Frequency (MHz) CSB/DDR Frequency (MHz) Sleep Power at Tj =65°C (W) 2 Typical Application at Tj =65°C (W) 2 Typical Application at Tj =125°C (W) 3 Max Application at Tj =125°C (W) 4 333 333 1.45 1.9 3.2 3.8 167 1.45 1.8 3.0 3.6 400 400 1.45 2.0 3.3 4.0 266 1.45 1.9 3.1 3.8 t 90% V Core Voltage (VDD, AVDD) I/O Voltage (GVDD, LVDD, and OVDD) 0 0.7 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |