Electronic Components Datasheet Search
  English  ▼

X  

TLE4206 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4206
Description  1-A DC Motor Driver for Servo Driver Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4206 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4206 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TLE 4206
Semiconductor Group
6
1998-02-01
Electrical Characteristics
8 V <
V
S < 18 V; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C
(unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.
Current Consumption
Supply current
I
S
–12
20
mA
–
Supply current
I
S
–20
30
mA
I
OUT1 = 0.4 A
I
OUT2 = – 0.4 A
Supply current
I
S
–30
50
mA
I
OUT1 = 0.8 A
I
OUT2 = – 0.8 A
Over- and Under Voltage Lockout
UV Switch ON voltage
V
UV ON
–7.4
8
V
V
S increasing
UV Switch OFF voltage
V
UV OFF
66.9
–
V
V
S decreasing
UV ON/OFF Hysteresis
V
UVHY
–0.5
–
V
V
UV ON – VUV OFF
OV Switch OFF voltage
V
OV OFF
–20.5 23
V
V
S increasing
OV Switch ON voltage
V
OV ON
17.5
20
–
V
V
S decreasing
OV ON/OFF Hysteresis
V
OVHY
–0.5
–
V
V
OV OFF – VOV ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com