Electronic Components Datasheet Search
  English  ▼

X  

TLE4206G Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # TLE4206G
Description  1-A DC Motor Driver for Servo Driver Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4206G Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button TLE4206G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4206G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4206G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4206G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4206G Datasheet HTML 9Page - Siemens Semiconductor Group TLE4206G Datasheet HTML 10Page - Siemens Semiconductor Group TLE4206G Datasheet HTML 11Page - Siemens Semiconductor Group TLE4206G Datasheet HTML 12Page - Siemens Semiconductor Group TLE4206G Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TLE 4206
Semiconductor Group
9
1998-02-01
Input RANGE
Input current
I
RANGE
– 1
–
1
µA0 V < V
RANGE < VS
Switch-OFF voltage High
V
OFFH
– 100 0
100
mV
refer to
V
S
Switch-OFF voltage Low
V
OFFL
300
400 500
mV
refer to GND
Input CPB (Current Peak Blanking)
Charge current
I
CPBCH
–6.5
–
µA V
HYL > VHYST;
V
CPB = 0 V
Low voltage
V
CPBL
–20
100
mV
V
HYL < VHYST
<
V
HYH
High voltage threshold
V
CPBH
55.7
6.5
V
V
HYL > VHYST
Clamp voltage
V
CPBC
–6.2
–
V
V
HYL > VHYST
Blanking time
t
CPB
–40
–
ms
C
CPB = 47 nF
Thermal Shutdown
Thermal shutdown junction
temperature
T
jSD
150
175 200
°C–
Thermal switch-on junction
temperature
T
jSO
120
–
170
°C–
Temperature hysteresis
∆T
–30
–
K
–
Electrical Characteristics (cont’d)
8 V <
V
S < 18 V; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C
(unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com