Electronic Components Datasheet Search
  English  ▼

X  

D436 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # D436
Description  IN-LINE SPLICE SEALING SYSTEM, 1 TO 1 MIL-S-81824/1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

D436 Datasheet(HTML) 1 Page - PANDUIT CORP.

  D436 Datasheet HTML 1Page - PANDUIT CORP. D436 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE:
IN-LINE SPLICE SEALING SYSTEM,
1 TO 1 MIL-S-81824/1
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-36/-37/-38
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
11MAY11
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D000566
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
1 of 2
Print Date: 11-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Rev
I.D.*
Product Dimensions
Product
Name
a (min)
b (max)
A
B
C
D
E
max
D-436-36
A
2.16 (0.085)
0.64 (0.025)
1.27 (0.050)
1.14 (0.045)
2.03 (0.080)
1.91 (0.075)
12.95 (0.510)
12.45 (0.490)
6.22 (0.245)
5.72 (0.225)
0.38
(0.015)
D-436-37
A
2.79 (0.110)
0.64 (0.025)
1.75 (0.069)
1.63 (0.064)
2.69 (0.106)
2.57 (0.101)
14.86 (0.585)
14.35 (0.565)
7.11 (0.280)
6.60 (0.260)
0.51
(0.020)
D-436-38
A
4.32 (0.170)
0.64 (0.025)
2.59 (0.102)
2.46 (0.097)
3.89 (0.153)
3.73 (0.147)
14.86 (0.585)
14.35 (0.565)
7.11 (0.280)
6.60 (0.260)
1.27
(0.050)
* I.D.: a) As received; b) After unrestricted recovery thru meltable insert.


Similar Part No. - D436

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D43037-000 MACOM-D43037-000 Datasheet
652Kb / 24P
RAYCHEM Tubing Products
logo
Nell Semiconductor Co.,...
D4310E NELLSEMI-D4310E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
D4310E NELLSEMI-D4310E Datasheet
668Kb / 5P
Standard Recovery Diodes
D4310E20 NELLSEMI-D4310E20 Datasheet
668Kb / 5P
Standard Recovery Diodes
D4310E24 NELLSEMI-D4310E24 Datasheet
668Kb / 5P
Standard Recovery Diodes
More results

Similar Description - D436

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-200-82 PANDUIT-D-200-82 Datasheet
50Kb / 2P
IN-LINE SPLICE SEALING SYSTEM, 1 TO 1 NICKEL PLATED CRIMP, 200deg.C
D-436-42 PANDUIT-D-436-42 Datasheet
159Kb / 4P
IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE
D-436-52 PANDUIT-D-436-52 Datasheet
140Kb / 2P
IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICE: Tin Plated, Color Coded, with Inspection Slots
D-436-58 PANDUIT-D-436-58 Datasheet
42Kb / 1P
STUB SPLICE SEALING SYSTEM
D-436-82 PANDUIT-D-436-82 Datasheet
120Kb / 2P
(NICKEL PLATED CRIMPS) IN-LINE SPLICE SEALING SYSTEM, 1 TO 1
D-436-85 PANDUIT-D-436-85 Datasheet
130Kb / 2P
IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICER: Nickel Plated, Color Coded, with Inspection Slots
D-436-0110 PANDUIT-D-436-0110 Datasheet
117Kb / 2P
IN-LINE SPLICE SEALING SYSTEM, 2 or 3 to 1 SPLICE: TIN PLATED, COLOR CODED with Inspection Slots
D-436-0115 PANDUIT-D-436-0115 Datasheet
104Kb / 1P
IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1
logo
Cooper Bussmann, Inc.
HHB COOPER-HHB Datasheet
163Kb / 1P
1??? x 7??? to 1 1??? In-Line Fuse Holders
logo
Hubbell Incorporated.
BISR10 HUBBELL-BISR10 Datasheet
265Kb / 2P
Aluminum In-Line Splice, 14-1/0 AWG.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com