Electronic Components Datasheet Search
  English  ▼

X  

TLE4216G Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4216G
Description  Intelligent Sixfold Low-Side Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4216G Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4216G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLE 4216 G
Semiconductor Group
3
Pin Definitions and Functions
TLE 4216 G
Symbol
Function
Pin No.
1, 2, 3, 4
I1, I2, I3, I4
Inputs of 50-mA switches 1, 2, 3, 4
5, 6, 7, 8
GND
Ground, cooling
9, 10
I5, I6
Inputs of 0.5 A switches 5, 6
11
Q
ST
Status analog output
12
V
REF
Reference voltage; a higher reference voltage than
the internal one can be applied from the exterior as
a voltage reference for the status output (A/D
converter).
13
V
S
Supply voltage
14
PREFST
Preferred state (low = preferred state of all outputs
regardless of inputs)
15, 16
Q6, Q5
Outputs 6, 5 (0.5 A), open collector
17, 18, 19, 20
GND
Ground, cooling
21, 22, 23, 24
Q4, Q3,
Q2, Q1
Outputs 4, 3, 2, 1 (50 mA), open collector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com