Electronic Components Datasheet Search
  English  ▼

X  

TLE4226G Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4226G
Description  Intelligent Sixfold Low-Side Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4226G Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4226G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4226G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4226G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4226G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4226G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4226G Datasheet HTML 9Page - Siemens Semiconductor Group TLE4226G Datasheet HTML 10Page - Siemens Semiconductor Group TLE4226G Datasheet HTML 11Page - Siemens Semiconductor Group TLE4226G Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLE 4226 G
Semiconductor Group
8
Outputs (Q1-6)
Clamping voltage
Clamping voltage
Shorted load current
Shorted load current
Sink current
Shutdown threshold
Leakage current
Leakage current
V
Q1-4
V
Q5, 6
I
Q1-4 max
I
Q5, 6
I
Q5, 6
I
Q1-4
I
Q5, 6
25.5
25.5
60
500
2
33
35
170
900
10
1
200
V
V
mA
mA
µA
µA
µA
I
Q = 50 mA
I
Q = 500 mA
V
Q < 16.5 V
V
Q ≤ 10 V; Tj ≤ 130 ˚C
V
Q = 5 V
switches off,
V
Q = 24 V
T
j = 125 ˚C
switches off,
V
Q = 16.5 V
T
j = 125 ˚C
Status Output Analog (StA)
Normal function
Error output 6
Error output 5
Overload output 4
Overload output 3
Overload output 2
Overload output 1
Thermal overload
Source resistance of
analog status output
Delay time of status
Delay time of output
protection
V
StA
V
StA
V
StA
V
StA
V
StA
V
StA
V
StA
V
StA
R
QStA
t
dStA/D
t
dSQ1-6
1.0
1.4
1.8
2.2
2.6
3.0
3.5
30
10
10
15
0.5
1.3
1.7
2.1
2.5
2.9
3.3
250
30
30
V
V
V
V
V
V
V
V
Ω
µs
µs
–
I
QStA = 50 ... 100 µA
overload at switches 5 and 6
switches 5 and 6 during turn
on
Status Output Digital (StD)
Pull-up resistance
Saturation voltage
R
StD
V
StDSat
10
20
30
0.4
k
Ω
V
I
StD = 4 mA
Characteristics (cont’d)
V
S = 5 V, unless stated otherwise; Tj = – 40 to 140 ˚C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com