Electronic Components Datasheet Search
  English  ▼

X  

TLE4264 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE4264
Description  5-V Low-Drop Fixed-Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4264 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE4264 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLE 4264 G
Semiconductor Group
5
1998-11-01
Characteristics
V
I = 13.5 V; – 40 °C ≤ Tj ≤ 125 °C, unless specified otherwise
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.
Output voltage
V
Q
4.9
5.0
5.1
V
5 mA
≤ I
Q ≤ 100 mA
6V
≤ V
I ≤ 28 V
Output-current
limiting
I
Q
120
150
–
mA
–
Current consumption
I
q = II – IQ
I
q
–
–
400
µA
I
Q = 1 mA
Current consumption
I
q = II – IQ
I
q
–
1015mA
I
Q = 100 mA
Drop voltage
V
dr
–
0.25
0.5
V
I
Q = 100 mA
1)
Load regulation
∆V
Q
––40
mV
I
Q = 5 to 100 mA
V
I = 6 V
Supply-voltage
regulation
∆V
Q
–
1530mV
V
I = 6 to 28 V
I
Q = 5 mA
Supply voltage
suppression
SVR
–54
–
dB
f
r = 100 Hz
V
r = 0.5 Vpp
1) Drop voltage = V
I – VQ (measured where VQ has dropped 100 mV from the nominal value
obtained at
V
I = 13.5 V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com