Electronic Components Datasheet Search
  English  ▼

X  

TLE4268GS Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4268GS
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4268GS Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4268GS Datasheet HTML 1Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 2Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 3Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 4Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 5Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 6Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 7Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 8Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
P-DSO-8-1
P-DSO-20-6
5-V Low-Drop Fixed Voltage Regulator
TLE 4268
Semiconductor Group
1
1998-11-01
Features
• Output voltage tolerance
≤ ± 2%
• Very low current consumption
• Low-drop voltage
• Watchdog
• Settable reset threshold
• Overtemperature protection
• Reverse polarity protection
• Short-circuit proof
• Suitable for use in automotive electronics
• Wide temperature range
Type
Ordering Code
Package
TLE 4268 GS
Q67006-A9229
P-DSO-8-1 (SMD)
TLE 4268 G
Q67006-A9146
P-DSO-20-6 (SMD)
Functional Description
This device is a 5-V low-drop fixed-voltage regulator. The maximum input voltage is
45 V. It can deliver an output current of at least 180 mA. The IC is short-circuit proof and
features temperature protection that disables the circuit in the event of impermissibly
high temperatures. The watchdog function is disabled as a function of the load, so that
a controller is not interrupted during sleep mode by a watchdog reset.
Application Description
The IC regulates an input voltage
V
i in the range 5.5 V < Vi < 45 V to Vqrated =5.0 V. In
the event of an output voltage
V
Q < VRT, a reset signal is generated. The wiring of the
reset switching threshold input enables the value of
V
RT to be reduced. The reset delay
time can be adjusted using an external capacitor. The integrated watchdog monitors the
connected active controller. If there is no positive-going edge at the watchdog input, the
reset output is set to low. The reset delay capacitor provides a wide adjustment range
for the pulse repetition time. The watchdog function is only activated if the load exceeds
8 mA. This ensures that a microcontroller is not activated during power-down and the
current drain is not increased. The IC is protected against overload and
overtemperature.


Similar Part No. - TLE4268GS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4268GS INFINEON-TLE4268GS Datasheet
333Kb / 17P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.5, 2007-03-20
More results

Similar Description - TLE4268GS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268 Datasheet
228Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com