Electronic Components Datasheet Search
  English  ▼

X  

TLE4470 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4470 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4470 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
P-DSO-14-4
P-DSO-20-6
Dual Low-Drop Voltage Regulator
TLE 4470
Semiconductor Group
1
1998-11-01
Functional Description
The TLE 4470 is a monolithic integrated voltage regulator with two very low-drop
outputs, a main output Q2 for loads up to 350 mA and a stand by output Q1 providing a
maximum of 180 mA. The device is available in both the P-DSO-14-4 and P-DSO-20-6
packages. It is designed to supply microprocessor systems under the severe conditions
of automotive applications and is therefore equipped with additional protection functions
against over load, short circuit and over temperature. Of course the TLE 4470 can also
be used in other applications where two stabilized voltages are required.
The device operates in the wide temperature range of – 40
°C to 150 °C.
The stand by regulator transforms an input voltage
V
I in the range of 5.6 V ≤ VI ≤ 45 V to
V
Q1rated = 5 V within an accuracy of 2%, whereas the main regulator is adjustable. By use
of an external voltage divider the main output voltage can be set to
V
Q2 ≥ 5 V for the
Type
Ordering Code
Package
TLE 4470 GS
Q67006-A9309
P-DSO-14-4 (SMD)
TLE 4470 G
Q67006-A9308
P-DSO-20-6 (SMD)
Features
• Stand-by output 180 mA; 5 V
± 2%
• Adjustable reset switching threshold
• Main output 350 mA; tracked to the stand-by output
• Low quiescent current consumption in standby mode
• Disable function for main output
• Wide operation range: up to 45 V
• Very low dropout
• Power-On-Reset circuit sensing the stand-by voltage
• Early warning comparator for supply undervoltage
• Output protected against short circuit
• Wide temperature range: – 40
°C to 150 °C
• Over-temperature protection
• Over-load protection


Similar Part No. - TLE4470

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470 Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
TLE4470G INFINEON-TLE4470G Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
TLE4470GS INFINEON-TLE4470GS Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
More results

Similar Description - TLE4470

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
logo
Infineon Technologies A...
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com