Electronic Components Datasheet Search
  English  ▼

X  

A-1JB Datasheet(PDF) 2 Page - Amphenol Corporation

Part # A-1JB
Description  EASY SNAP-ON/OFF MATING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

A-1JB Datasheet(HTML) 2 Page - Amphenol Corporation

  A-1JB Datasheet HTML 1Page - Amphenol Corporation A-1JB Datasheet HTML 2Page - Amphenol Corporation A-1JB Datasheet HTML 3Page - Amphenol Corporation A-1JB Datasheet HTML 4Page - Amphenol Corporation A-1JB Datasheet HTML 5Page - Amphenol Corporation A-1JB Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Amphenol® RF:
800-627-7100
2
Amphenol® RF:
800-627-7100
AMC Solutions
Description
Amphenol RF manufactures a family of Amphenol Micro Coaxial (AMC) connectors and cable
assemblies for use in applications with 50 Ω impedance requirements. AMC connectors are low
profile (2.5 mm off the board) and offer an extremely small board footprint (3mm x 3mm).
Features/Benefits
•Easysnap-on/offmating
•Ultralow-profile(2.5mmmatingheight)
•Smallfootprint(3mmx3mm)
•100%CompatiblewithHiroseU.Flseries
•Rightangleplugsarepre-installedon1.13mm,1.32mm
or 1.37 mm coaxial cable and tested prior to shipment.
Applications
•WirelessInternet(WiFi,WiMax,EvDO/EvDVSolutions)
•WirelessInfrastructure(CellularBaseStations)
•RFID
•Bluetooth
•Inventory/BarcodeScanners
•HandheldDevices
AMC
AMC
2
Amphenol® RF:
800-627-7100
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com