Electronic Components Datasheet Search
  English  ▼

X  

TLE4945-2L Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # TLE4945-2L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4945-2L Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TLE4945-2L Datasheet HTML 6Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 7Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 8Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 9Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 10Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 11Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 12Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 13Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L; TLE 4945-2L
Semiconductor Group
10
1997-09-01
Figure 7
Test Circuit 1
Unipolar Type TLE 4905
Bipolar Type TLE 4935
AES01244
S
V
S
V
4.7 nF
TLE
Q
GND
4905/35/35-2/45-2
Ι
S
Q
Ι
R
L
3
2
1
C
L
+
-
AED01422
Q
B
V
V
QH
V
QL
0
B
RP
OP
B
B
HY
HY
B
B
OP
RP
B
0
QL
V
QH
V
V
B
Q
AED01246
Q
t
0.9
0.1
t
r
f
t
V
V
QH
V
QH
V
QH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com