Electronic Components Datasheet Search
  English  ▼

X  

TLE5226G Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE5226G
Description  Smart Quad Channel Low-Side Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5226G Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE5226G Datasheet HTML 4Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 5Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 6Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 7Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 8Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 9Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 10Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 11Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TLE 5226 G
Semiconductor Group
Page
1998-02-04
8
Open load is detected for all four channels in on and off mode. In the on mode the load current is moni-
tored. If it drops below the specified threshold value, then an open load condition is detected.
In the off mode, the ouput voltage is monitored.
An open load condition is detected when the output voltage of a given channel is below 55 % of the
supply voltage VS. Also the output voltages of two outputs are compaired against each other in off
condition with a fixed offset of typ. 1.25 V to recognize GND bypasses. To suppress fault diagnosis
during the flyback phase of the compared output, the diagnostic circuit includes a latch function.
Reset of this latch is done at end of the flyback phase, additionally it can be reseted by a low signal on
the enable input or a high signal of the input line.
See block diagramm of open load detection on page 3.
Diagnostic Table
In general the status follows the input signal in normal operating conditions.
If any error is detected the status is inverted.
Operating Condition
Standby
Input
Enable
Input
Control
Input
Power
Output
Status
Output
STBY
ENA
IN
OUT
ST
Standby
L
X
X
OFF
H
Normal function
H
H
H
H
L
L
H
H
L
H
L
H
OFF
OFF
OFF
ON
L
L
L
H
Open load or short to ground
H
H
H
H
L
L
H
H
L
H
L
H
OFF
OFF
OFF
ON
H
H
H
L
Overload or short to supply
latched overload
reset latch
H
H
H
H
H
H
L
X
H
H
H
H
→ L
OFF
OFF
OFF
OFF
L
L
H
L
Overtemperature
latched overtemperature
reset latch
H
H
H
H
H
H
L
X
H
H
H
H
→ L
OFF
OFF
OFF
OFF
L
L
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com