Electronic Components Datasheet Search
  English  ▼

X  

D602 Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # D602
Description  3V, 6GHz Divide-by-2 Static Prescaler Final
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

D602 Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  D602 Datasheet HTML 1Page - SiGe Semiconductor, Inc. D602 Datasheet HTML 2Page - SiGe Semiconductor, Inc. D602 Datasheet HTML 3Page - SiGe Semiconductor, Inc. D602 Datasheet HTML 4Page - SiGe Semiconductor, Inc. D602 Datasheet HTML 5Page - SiGe Semiconductor, Inc. D602 Datasheet HTML 6Page - SiGe Semiconductor, Inc. D602 Datasheet HTML 7Page - SiGe Semiconductor, Inc. D602 Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
D602
3V, 6GHz Divide-by-2 Static Prescaler
Final
Pin Out Diagram
In
Out
Out
In
V
EE
V
EE
PWD
V
CC
D602
1
2
3
4
8
7
6
5
Pin Out Description
Pin No.
Name
Description
1
VCC
Power Supply Voltage Input
2
In
Prescaler Input (internally-biased)
3
In
Prescaler Complementary Input (internally-biased)
4
VEE
Ground for Input (pins 4 and 5 must be connected to the same potential)
5
VEE
Ground for Output (pins 4 and 5 must be connected to the same potential)
6
Out
Complementary Output (open-collector)
7
Out
Output (open-collector)
8
PWD
Power Down high impedance CMOS input. When PWD is high, the part is powered
down.
Absolute Maximum Ratings
Operation in excess of any one of above Absolute Maximum Ratings may result in permanent damage. This device is
a high performance RF integrated and is ESD sensitive. The RF inputs on this device are Class 0 ESD rated;
therefore suitable precaution should be taken during handling, assembly and testing.
Symbol
Parameter
Min.
Max.
Unit
Supply Voltage
-0.3
+4.3
V
Voltage on any pin with respect to VEE
-0.3
VCC + 0.3
V
Differential input voltage
-2.0
+2.0
V
Storage Temperature
-65
+150
°C
20-DST-01 Rev 5.0 Sept/01
2 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com