Electronic Components Datasheet Search
  English  ▼

X  

PA2423MB Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part # PA2423MB
Description  2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423MB Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  PA2423MB Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423MB Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PA2423MB
2.4 GHz Bluetooth Class 1 Power Amplifier IC
Production Information
Typical Performance Characteristics
Test Conditions using SiGe PA2423MB-EV:
VC
2.4
no
2.4
no
C0=VCC1=VCC2=VRAMP=3.3V, VCTL = 3.3V, PIN = +2 dBm, TA = 25°C, f =
5GHz, Input and Output externally matched to 50
Ω, unless otherwise
ted
.
0=VCC1=VCC2=VRAMP=3.3V, VCTL = 3.3V, PIN = +2 dBm, TA = 25°C, f =
5GHz, Input and Output externally matched to 50
Ω, unless otherwise
ted
.
Icc vs Frequency
60.00
70.00
80.00
90.00
100.00
110.00
120.00
130.00
140.00
2.3
2.3
2.4
2.4
2.5
2.5
2.6
2.6
2.7
Frequency (GHz)
Pout vs Frequency
15
16
17
18
19
20
21
22
23
2.3
2.3
2.4
2.4
2.5
2.5
2.6
2.6
2.7
Frequency (GHz)
Output Power, Gain vs Input Power
(Frequency=2.45GHz)
0
5
10
15
20
25
-28
-24
-20
-16
-12
-8
-4
0
4
8
Input Power (dBm)
5.00
10.00
15.00
20.00
25.00
30.00
Pout
Gain
PAE vs Input Power
0
5
10
15
20
25
30
35
40
45
50
-28
-24
-20
-16
-12
-8
-4
0
4
8
Input Power(dBm)
DOC# 05PDS001 Rev 9
07/26/2001
Page 5 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com