Electronic Components Datasheet Search
  English  ▼

X  

SE103 Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part # SE103
Description  LightCharger??2.5 Gb/s Transimpedance Amplifier LP Final
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE103 Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  SE103 Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 7Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SE1031W
LightCharger
™ 2.5 Gb/s Transimpedance Amplifier LP
Final
54-DST-01
§ Rev 1.3 § Apr 11/02
5 of 7
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
BW (3dB)
Small Signal Bandwidth at –3dB point
1.8
2.4
GHz
Tz
Differential Transimpedance (50
Ω on each output,
f = 100 MHz)
1.6
2.3
3.1
k
Ω
Dri
Input Data Rate
50
2500
Mb/s
Voutmax
Maximum Differential Output Voltage
300
mV pk-pk
Flf
Low Frequency Cut-off
10
20
kHz
lOL
Input Current before overload (2.5 Gb/s NRZ data)
2600
µA pk-pk
Pol
Optical Overload
+1.6
dBm
Nrms
Input Noise Current (in 2 GHz)
360
500
nA rms
Sens
Optical Sensitivity [ calculated from input noise
spectral density only,
(10
-10 BER) ]
–26
dBm
DC and AC electrical characteristics are specified under the following conditions:
Supply Voltage (VCC).........................................3.1 V to 3.5 V
Junction Temperature (Tj)..................................–40
°C to 125°C
Load Resistor (RL)...............................................50
Ω AC coupled via 220 nF, for each output
Photodetector Capacitance (Cd).......................0.5 pF
Input bond wire inductance................................1 nH
Photodetector responsivity.................................0.9 A/W
Transimpedance (Tz) measured with 4
µA mean photocurrent



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com