Electronic Components Datasheet Search
  English  ▼

X  

SP207ECT Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP207ECT
Description  5V High Performance RS232 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207ECT Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP207ECT Datasheet HTML 8Page - Sipex Corporation SP207ECT Datasheet HTML 9Page - Sipex Corporation SP207ECT Datasheet HTML 10Page - Sipex Corporation SP207ECT Datasheet HTML 11Page - Sipex Corporation SP207ECT Datasheet HTML 12Page - Sipex Corporation SP207ECT Datasheet HTML 13Page - Sipex Corporation SP207ECT Datasheet HTML 14Page - Sipex Corporation SP207ECT Datasheet HTML 15Page - Sipex Corporation SP207ECT Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
© Copyright 2000 Sipex Corporation
16
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
ORDERING INFORMATION
RS232 Transceivers:
Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type
SP207ECA ................. 5 ....................................... 3 ................................................... 0
°C to +70°C ............................................... 24–pin SSOP
SP207ECP ................. 5 ....................................... 3 ................................................... 0
°C to +70°C ....................................... 24–pin Plastic DIP
SP207ECT ................. 5 ....................................... 3 ................................................... 0
°C to +70°C ................................................ 24–pin SOIC
SP207EEA ................. 5 ....................................... 3 ............................................... –40
°C to +85°C ............................................... 24–pin SSOP
SP207EEP ................. 5 ....................................... 3 ............................................... –40
°C to +85°C ....................................... 24–pin Plastic DIP
SP207EET ................. 5 ....................................... 3 ............................................... –40
°C to +85°C ................................................ 24–pin SOIC
SP208ECA ................. 4 ....................................... 4 ................................................... 0
°C to +70°C ............................................... 24–pin SSOP
SP208ECP ................. 4 ....................................... 4 ................................................... 0
°C to +70°C ....................................... 24–pin Plastic DIP
SP208ECT ................. 4 ....................................... 4 ................................................... 0
°C to +70°C ................................................ 24–pin SOIC
SP208EEA ................. 4 ....................................... 4 ............................................... –40
°C to +85°C ............................................... 24–pin SSOP
SP208EEP ................. 4 ....................................... 4 ............................................... –40
°C to +85°C ....................................... 24–pin Plastic DIP
SP208EET ................. 4 ....................................... 4 ............................................... –40
°C to +85°C ................................................ 24–pin SOIC
RS232 Transceivers with Low–Power Shutdown and Tri–state Enable:
Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type
SP211ECA ................. 4 ....................................... 5 ................................................... 0
°C to +70°C ............................................... 28–pin SSOP
SP211ECT ................. 4 ....................................... 5 ................................................... 0
°C to +70°C ................................................ 28–pin SOIC
SP211EEA ................. 4 ....................................... 5 ............................................... –40
°C to +85°C ............................................... 28–pin SSOP
SP211EET ................. 4 ....................................... 5 ............................................... –40
°C to +85°C ................................................ 28–pin SOIC
RS232 Transceivers with Low–Power Shutdown, Tri–state Enable, andWake–Up Function:
Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type
SP213ECA ................. 4 ................. 5, with 2 active in Shutdown ............................ 0
°C to +70°C ............................................... 28–pin SSOP
SP213ECT ................. 4 ................. 5, with 2 active in Shutdown ............................ 0
°C to +70°C ................................................ 28–pin SOIC
SP213EEA ................. 4 ................. 5, with 2 active in Shutdown ........................ –40
°C to +85°C ............................................... 28–pin SSOP
SP213EET ................. 4 ................. 5, with 2 active in Shutdown ........................ –40
°C to +85°C ................................................ 28–pin SOIC
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Please consult the factory for pricing and availability on a Tape-On-Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com