Electronic Components Datasheet Search
  English  ▼

X  

309-LE Datasheet(PDF) 21 Page - Tyco Electronics

Part # 309-LE
Description  Label format - Old format order code cross reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

309-LE Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 309-LE Datasheet HTML 17Page - Tyco Electronics 309-LE Datasheet HTML 18Page - Tyco Electronics 309-LE Datasheet HTML 19Page - Tyco Electronics 309-LE Datasheet HTML 20Page - Tyco Electronics 309-LE Datasheet HTML 21Page - Tyco Electronics 309-LE Datasheet HTML 22Page - Tyco Electronics 309-LE Datasheet HTML 23Page - Tyco Electronics 309-LE Datasheet HTML 24Page - Tyco Electronics 309-LE Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
106
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
NC Nylon cloth labels
Thermal Transfer
Tyco Electronics NC is a thermal transfer printable, flexible nylon
cloth with a permanent acrylic adhesive, designed for application
to irregular surfaces where conformability is required. It is ideal for
wire marking and other round or flexible surfaces such as cables
and tubing. NC is not recommended for outdoor use or immersion
in liquid. For reliable print performance and durability, use with
Tyco Electronics 1330-0607 ribbon.
Features and benefits
I Thermal transfer printable
I Surface coating applied to enhance ink receptivity
I Flexible material conforms to curved surfaces
I Several die-cut sizes available
Specifications
TTDS -051
Adhesive
Permanent acrylic
Service temperature
–40°C to +140°C
–40°F to +284°F
Recommended printer T300 Series printers
Recommended ribbon 1330-0606-10*
*Alternative printers and ribbons are available for special
applications. Contact Tyco Electronics Identification for
more information.
NC - 254127-10- 9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com