Electronic Components Datasheet Search
  English  ▼

X  

314-LM Datasheet(PDF) 45 Page - Tyco Electronics

Part # 314-LM
Description  Label format - Old format order code cross reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

314-LM Datasheet(HTML) 45 Page - Tyco Electronics

Back Button 314-LM Datasheet HTML 40Page - Tyco Electronics 314-LM Datasheet HTML 41Page - Tyco Electronics 314-LM Datasheet HTML 42Page - Tyco Electronics 314-LM Datasheet HTML 43Page - Tyco Electronics 314-LM Datasheet HTML 44Page - Tyco Electronics 314-LM Datasheet HTML 45Page - Tyco Electronics 314-LM Datasheet HTML 46Page - Tyco Electronics 314-LM Datasheet HTML 47Page - Tyco Electronics 314-LM Datasheet HTML 48Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
130
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E White polyester labels
Thermal Transfer
Tyco Electronics E is a dot matrix printable white polyester film
with a permanent acrylic adhesive that is ideal for PCB and
component labeling, as well as general purpose labeling
applications that require a high durability white label. It is resistant
to a variety of solvents while maintaining print quality. E is UL
Listed and its print performance and durability are reliable when
used with Tyco Electronics 1892BK01 ribbon.
Features and benefits
I Dot matrix printable
I Cost-efficient for general purpose, low volume applications
I Exceptional durability and strength
I Resistant to oil, water and several common fluids
I UL Listed
Specifications/Approvals
Tyco Electronics
TTDS-071
Industry
UL MH14363 Group PGGU2
Adhesive
Permanent acrylic
Service temperature
–53°C to +93°C
–65°F to +200°F
Recommended printer AM6310
Recommended ribbon 1892BK01
E-064064 -10-9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com