Electronic Components Datasheet Search
  English  ▼

X  

SP4405 Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP4405
Description  Low Voltage Electroluminescent Lamp Driver with Regulated Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4405 Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP4405 Datasheet HTML 12Page - Sipex Corporation SP4405 Datasheet HTML 13Page - Sipex Corporation SP4405 Datasheet HTML 14Page - Sipex Corporation SP4405 Datasheet HTML 15Page - Sipex Corporation SP4405 Datasheet HTML 16Page - Sipex Corporation SP4405 Datasheet HTML 17Page - Sipex Corporation SP4405 Datasheet HTML 18Page - Sipex Corporation SP4405 Datasheet HTML 19Page - Sipex Corporation SP4405 Datasheet HTML 20Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SP4405DS/18
SP4405 Low Voltage Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
19
P
W
2
2
1
0.228/0.244
0.150/0.157
0.189/0.197
0.014/0.019
0.050 BSC
0.053/0.069
1
0.013
±0.005
0.0256
BSC
0.118
±0.004
0.020
2
0.020
0.116
±0.004
0.034
±0.004
0.040
±0.003
0.004
±0.002
0.118
±0.004
0.118
±0.004
0.037
Ref
0.0215
±0.006
3.0˚
±3˚
R .003
12.0˚
±4˚
0.006
±0.006
0.006
±0.006
0.008
0˚ - 6˚
0.012
±0.003
0.01
12.0˚
±4˚
0.16
±0.003
0.0965
±0.003
0.116
±0.004
95 NSOIC devices per tube, no minimum quantity
50
µSOIC devices per tube
8-pin NSOIC 13” reels: P = 8mm, W = 12mm
8-pin
µSOIC 13” reels: P = 8mm, W = 12mm
Pkg.
min qty per reel
std qty per reel
max qty per reel
EN
500
2500
3000
EU
500
2500
3000
100 die per waffle pack
All package dimensions in inches
SP4405EN
SP4405EU
8-pin NSOIC
8-pin
µSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com