Electronic Components Datasheet Search
  English  ▼

X  

SP4423 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP4423
Description  Electroluminescent Lamp Driver Low Power Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4423 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP4423 Datasheet HTML 5Page - Sipex Corporation SP4423 Datasheet HTML 6Page - Sipex Corporation SP4423 Datasheet HTML 7Page - Sipex Corporation SP4423 Datasheet HTML 8Page - Sipex Corporation SP4423 Datasheet HTML 9Page - Sipex Corporation SP4423 Datasheet HTML 10Page - Sipex Corporation SP4423 Datasheet HTML 11Page - Sipex Corporation SP4423 Datasheet HTML 12Page - Sipex Corporation SP4423 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SP4423DS/14
SP4423 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
12
P
W
1
0.228/0.244
0.150/0.157
0.189/0.197
0.014/0.019
0.050 BSC
0.053/0.069
SP4423ACN
1
0.013
±0.005
SP4423ACU
0.0256
BSC
0.118
±0.004
0.020
2
0.020
0.116
±0.004
0.034
±0.004
0.040
±0.003
0.004
±0.002
0.118
±0.004
0.118
±0.004
0.037
Ref
0.0215
±0.006
3.0˚
±3˚
R .003
12.0˚
±4˚
0.006
±0.006
0.006
±0.006
0.008
0˚ - 6˚
0.012
±0.003
0.01
12.0˚
±4˚
0.16
±0.003
0.0965
±0.003
0.116
±0.004
Pkg.
Minimum qty per reel
Standard qty per reel
Maximum qty per reel
ACN
500
2500
3000
ACU
500
2500
3000
95 SP4423ACN per tube, no minimum quantity
50 SP4423ACU per tube
NSOIC-8 13" reels: P=8mm, W=12mm
µSOIC-8 13" reels: P=8mm, W=12mm
All package dimensions in inches
8-pin NSOIC
8-pin
µSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com