Electronic Components Datasheet Search
  English  ▼

X  

B140-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B140-13
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B140-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  B140-13 Datasheet HTML 1Page - Diodes Incorporated B140-13 Datasheet HTML 2Page - Diodes Incorporated B140-13 Datasheet HTML 3Page - Diodes Incorporated B140-13 Datasheet HTML 4Page - Diodes Incorporated B140-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B120/B - B160/B
Document number: DS13002 Rev. 16 - 2
3 of 5
www.diodes.com
September 2010
© Diodes Incorporated
B120/B - B160/B
100
10
1
0.1
0.01
1,000
10,000
0
20
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics, B120/B thru B140/B
R
10
30
50
100
10
1
0.1
1,000
10,000
020
40
60
70
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics, B150/B thru B160/B
R
10
30
50
10
100
1,000
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
Fig. 5 Total Capacitance vs. Reverse Voltage
R
0
0.5
1.0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE (ºC)
Fig. 6 Forward Current Derating Curve
T
10
20
30
40
0
1
10
100
Fig. 7 Max Non-Repetitive Peak Forward Surge Current
NUMBER OF CYCLES AT 60 Hz
Single Half Sine-Wave



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com