Electronic Components Datasheet Search
  English  ▼

X  

B150-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B150-13
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B150-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  B150-13 Datasheet HTML 1Page - Diodes Incorporated B150-13 Datasheet HTML 2Page - Diodes Incorporated B150-13 Datasheet HTML 3Page - Diodes Incorporated B150-13 Datasheet HTML 4Page - Diodes Incorporated B150-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B120/B - B160/B
Document number: DS13002 Rev. 16 - 2
2 of 5
www.diodes.com
September 2010
© Diodes Incorporated
B120/B - B160/B
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
B120/B
B130/B
B140/B
B150/B
B160/B
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
@ TT = 130°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
B120/B
B130/B
B140/B
B150/B
B160/B
Unit
Typical Thermal Resistance Junction to Terminal (Note 4)
RθJT
20
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
B120/B, B130/B, B140/B
B150/B, B160/B
VF
-
-
-
-
0.5
0.7
V
IF = 1.0A
IF = 1.0A
Leakage Current (Note 5)
IR
-
-
-
-
0.5
10
mA
@ Rated VR, TA = 25°C
@ Rated VR, TA = 100°C
Total Capacitance
CT
-
-
110
pF
VR = 4V, f = 1MHz
Notes:
4. Thermal Resistance: Junction to terminal, unit mounted on PC board with 5.0 mm
2 (0.013 mm thick) copper pads as heat sink.
5. Short duration pulse test used to minimize self-heating effect.
0.1
1.0
10
0.2
0.4
0.6
0.8
1.0
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics - B120/B thru B140/B
F
T = +25 C
A
°
T = +75 C
A
°
T = +125 C
A
°
T = -25 C
A
°
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics - B150/B thru B160/B
F
I Pulse Width = 300 ms
F
T = 125ºC
A
T = 25ºC
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com